Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606MPV Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4606MPV
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4606MPV Datasheet HTML 15Page - Linear Technology LTM4606MPV Datasheet HTML 16Page - Linear Technology LTM4606MPV Datasheet HTML 17Page - Linear Technology LTM4606MPV Datasheet HTML 18Page - Linear Technology LTM4606MPV Datasheet HTML 19Page - Linear Technology LTM4606MPV Datasheet HTML 20Page - Linear Technology LTM4606MPV Datasheet HTML 21Page - Linear Technology LTM4606MPV Datasheet HTML 22Page - Linear Technology LTM4606MPV Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4606
19
4606f
Figure 19. 3.3V at 5A Design
Figure 18. 10V to 28VIN, 5V at 5A Design
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
VOUT
VOUT
R3
100k
C2
100pF
COUT1
22μF
6.3V
x2
COUT2
220μF
6.3V
3.3V AT 5A
CIN
10μF
35V
CERAMIC
x2
4.5V TO 28V
PLLIN
REFER TO TABLE 2
FOR OUTPUT CAPACITOR
SELECTIONS
ON/OFF
LTM4606
SGND
PGND
MARGIN
CONTROL
R4
100k
RfSET
150k
RFB
13.3k
R1
392k
5% MARGIN
+
4606 TA03
TRACK/SS
CONTROL
VD
C1
10μF
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
VD
VOUT
R3
100k
C2
100pF
C1
10μF
COUT1
22μF
6.3V
COUT2
220μF
6.3V
5V AT 5A
CIN
10μF
35V
CERAMIC
x2
10V TO 28V
PLLIN
REFER TO TABLE 2
FOR OUTPUT CAPACITOR
SELECTIONS
ON/OFF
LTM4606
SGND
PGND
MARGIN
CONTROL
R4
100k
R1
392k
5% MARGIN
+
4606 TA02
TRACK/SS
CONTROL
IMPROVE EFFICIENCY
FOR ≥12V INPUT
RfSET
150k
RFB
8.25k
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com