Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAMN3003 Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAMN3003
Description  AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAMN3003 Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  KAMN3003 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.chinfa.com
KAMN30 SERIES
AC - DC POWER MODULE
20 ~ 30W UL / cUL / TUV / CE
FEATURES
AC/DC POWER MODULE
UNIVERSAL INPUT 85 ~ 265 VAC
HIGH EFFICIENCY UP TO 86%
SHORT CIRCUIT PROTECTION
INTERNAL INPUT FILTER
2 YEARS WARRANTY
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 24 VDC
EFF.
(typ.)
Single Output Models
Dual Output Models
85~265 VAC
85~265 VAC
85~265 VAC
85~265 VAC
85~265 VAC
7500 mA
6000 mA
2500 mA
2000 mA
1250 mA
77%
81%
85%
86%
86%
75%
79%
83%
84%
84%
85~265 VAC
85~265 VAC
85~265 VAC
12 VDC
15 VDC
+ 5 /+ 3.3 VDC
1250 mA
1000 mA
+3A / +1.5
A
84%
85%
81%
82%
83%
79%
KAMN3012D
KAMN3015D
KAMN30503D
25 WATTS
30 WATTS
30 WATTS
30 WATTS
30 WATTS
30 WATTS
30 WATTS
20 WATTS
KAMN3003
KAMN3005
KAMN3012
KAMN3015
KAMN3024
85~265 VAC
+ 5 /+ 12 VD C
+3A / +1.25A
82%
80%
KAMN30512D
30 WATTS
sales@chinfa.com
2008.08.13
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
unit
typ.
max.
CONTROL AND PROTECTION
Input fuse
T2A / 250VAC internal
Output short circuit
Hiccup mode
Rated over load protection
120
160
%
UL / cUL
UL60950-1 Recognized
TUV
EN60950-1
CE
EN61000-6-3,EN55022 class B
EN61000-6-2,EN55024
EN61000-3-2,EN61000-3-3
EN61204-3
APPROVALS AND STANDARDS


Similar Part No. - KAMN3003

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KAMN3003 CHINFA-KAMN3003 Datasheet
250Kb / 4P
AC - DC POWER MODULE 20 ~ 30W SINGLE & DUAL OUTPUT
More results

Similar Description - KAMN3003

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KADN3003 CHINFA-KADN3003 Datasheet
303Kb / 4P
AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
KADN4003 CHINFA-KADN4003 Datasheet
304Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
KAM0703 CHINFA-KAM0703 Datasheet
318Kb / 3P
AC - DC POWER MODULE 6.3 ~ 7.6W UL / cUL / TUV / CE
KAM1003 CHINFA-KAM1003 Datasheet
389Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1503 CHINFA-KAM1503 Datasheet
384Kb / 4P
AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAMN4003 CHINFA-KAMN4003 Datasheet
301Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
KADN3003 CHINFA-KADN3003_10 Datasheet
232Kb / 4P
OPEN FRAME AC - DC POWER MODULE 25W ~ 30W UL / cUL / TUV / CE
KAM1003 CHINFA-KAM1003_10 Datasheet
224Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1503 CHINFA-KAM1503_10 Datasheet
256Kb / 4P
AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAMN4003 CHINFA-KAMN4003_10 Datasheet
265Kb / 4P
AC - DC POWER MODULE 28 ~ 40W UL / cUL / TUV / CE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com