Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAMN3003 Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAMN3003
Description  AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAMN3003 Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  KAMN3003 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
L 89 x W 63.5 x H25mm ( L 3.5 x W 2.5 x H 0.98 inches)
Plastic
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
N
1
mm [inch]
2
3
4
5
GENERAL
N
Trim
Vo- or +3.3V or +12V
KAMN30 SERIES
AC - DC POWER MODULE
Vo +
Vo + or +5V
Table 1 Typical resistor values for various output voltage adjustment settings
DERATING
Fig. 1 Trim connection
(For single output only)
3
5
4
Vo +
Trim
Vo -
Rext 1
3
5
4
Vo +
Trim
Vo -
Rext 2
Type
Rext 1
Rext 2
KAMN3003
KAMN3005
KAMN3012
KAMN3015
KAMN3024
Uo nom -5%
Uo nom -10%
Uo nom +5%
Uo nom +10%
100K
4.7K
39K
120K
130K
N / A
0K
15K
51K
56K
12K
5.6K
15K
22K
8.66K
820
2.7K
2.7K
510
com
Vo -
N / A
www.chinfa.com
2008.08.13
250g
DIA 1.00 [0.04]
3.85 [0.15]
27.9 [1.1]
27.9 [1.1]
3.85 [0.15]
54.30 [2.14]
1
2
55.8 [2.20]
TP 3 x 8
BOTTOM VIEW
5
3
4
L
L
0
100
o
Temperature [ C ]
71
-40
61
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com