Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAMN3003 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAMN3003
Description  AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAMN3003 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  KAMN3003 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAMN3003 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KAMN30 SERIES
AC - DC POWER MODULE
www.chinfa.com
sales@chinfa.com
2008.08.13
CIRCUIT SCHEMATIC
Block diagram for KAMN30 series with single output
Vo -
Vo +
Switching
Device
Reference &
Error Amp.
L
N
Fuse
Line
Filter
Rectifier
Opto -
Isolation
Control
Circuit
Inrush Current
Limiter and
Rectifier
Trim
Block diagram for KAMN30 series with dual output
Vo -
Vo +
Switching
Device
Reference &
Error Amp.
L
N
Fuse
Line
Filter
Rectifier
Opto -
Isolation
Inrush Current
Limiter and
Rectifier
com
Rectifier
Control
Circuit
Block diagram for KAMN30503D & KAMN30512D
com
+5V
Switching
Device
Reference &
Error Amp.
L
N
Fuse
Line
Filter
Rectifier
Opto -
Isolation
Inrush Current
Limiter and
Rectifier
+3.3V or +12V
Rectifier
Control
Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com