Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6280 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc AWT6280 Datasheet HTML 10Page - ANADIGICS, Inc AWT6280 Datasheet HTML 11Page - ANADIGICS, Inc AWT6280 Datasheet HTML 12Page - ANADIGICS, Inc AWT6280 Datasheet HTML 13Page - ANADIGICS, Inc AWT6280 Datasheet HTML 14Page - ANADIGICS, Inc AWT6280 Datasheet HTML 15Page - ANADIGICS, Inc AWT6280 Datasheet HTML 16Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
aWt6280
Data Sheet - Rev 2.1
11/2008
aPPLICatION INFOrMatION
Figure 4: recommended application Circuit
GSM850/900 RF INPUT
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
18
17
DCS/PCS_IN
BS
TX_EN
VBATT
CEXT
VRAMP
GSM_IN
GND
GND
GSM_OUT
N/C
GND
GND
DCS/PCS_OUT
aWt6280
DCS/PCS RF INPUT
BAND SELECT
TX ENABLE
DAC OUTPUT
BATTERY
VOLTAGE
2.2k* 68pF*
* Component values depends on baseband chipset used.
** This component should be placed as close to the device pin as possible.
++ These components are recommended as good design practice for improving noise
rejection characteristics. The values specified are not critical as they may not be required in the
final application.
2.7pF**
47uF++
22nF**
1nF++
1nF++
asM
or
FeM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com