Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6280 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6280 Datasheet HTML 1Page - ANADIGICS, Inc AWT6280 Datasheet HTML 2Page - ANADIGICS, Inc AWT6280 Datasheet HTML 3Page - ANADIGICS, Inc AWT6280 Datasheet HTML 4Page - ANADIGICS, Inc AWT6280 Datasheet HTML 5Page - ANADIGICS, Inc AWT6280 Datasheet HTML 6Page - ANADIGICS, Inc AWT6280 Datasheet HTML 7Page - ANADIGICS, Inc AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
11/2008
Figure 1: Block Diagram
Features
•
Internal Reference Voltage
•
Integrated Power Control
•
InGaP HBT Technology
•
ESD Protection on All Pins (2.5 kV)
•
Low profile 1.0 mm
•
Small Package Outline 7 mm x 7 mm
•
EGPRS Capable (class 12)
•
RoHS Compliant Package, 250 oC MSL-3
GMsK MODe
•
+35 dBm GSM850/900 Output Power
•
+33 dBm DCS/PCS Output Power
•
55 % GSM850/900 PAE
•
52 % DCS/PCS PAE
•
Power control range > 50 dB
eDGe MODe
•
+29 dBm GSM850/900 Output Power
•
+28.5 dBm DCS/PCS Output Power
•
29 % GSM850/900 PAE
•
30 % DCS/PCS PAE
•
-64 dBc Typical ACPR (400 kHz)
•
-74 dBc Typical ACPR (600 kHz)
aPPLICatIONs
•
Dual/Tri/Quad Band Handsets, PDAs, and
Data Devices
PrODuCt DesCrIPtION
This power amplifier module supports dual, tri and
quad band applications for GMSK and 8-PSK modu-
lation schemes using an open loop polar architec-
ture. There are two amplifier chains, one to support
GSM850/900 bands, the other for DCS/PCS bands.
Each amplification chain is optimized for excellent
EDGE efficiency, power, and linearity in a Polar loop
environment while maintaining high efficiency in the
GSM/GPRS mode.
The module includes an internal reference voltage
and integrated power control scheme for use in both
GMSK and 8-PSK operation. This facilitates fast and
easy production calibration and reduces the number
of external components required to complete a power
control function.
aWt6280
Quad-band GsM/GPrs/Polar eDGe
Power Amplifier Module
with Integrated Power Control
Data Sheet - Rev 2.1
M11 Package
18 Pin 7 mm x 7 mm x 1.0 mm
surface Mount Module
The amplifier’s power control range is typically 55 dB,
with the output power set by applying an analog volt-
age to VRAMP. All of the RF ports for this device are DC
blocked and internally matched to 50.
AWT6280R
GSM850/900_IN
TX_EN
DCS/PCS_IN
GSM850/900_OUT
GSM850/900
Bias/Power
Control
DCS/PCS_OUT
DCS/PCS
BS
VRAMP
VBATT
CEXT


Similar Part No. - AWT6280

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281RM20P8 ANADIGICS-AWT6281RM20P8 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281RM20P9 ANADIGICS-AWT6281RM20P9 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282RM20P8 ANADIGICS-AWT6282RM20P8 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
More results

Similar Description - AWT6280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWT6168 ANADIGICS-AWT6168 Datasheet
223Kb / 12P
GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
Rev 0.1
logo
TriQuint Semiconductor
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
ANADIGICS, Inc
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com