Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6280 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6280 Datasheet HTML 1Page - ANADIGICS, Inc AWT6280 Datasheet HTML 2Page - ANADIGICS, Inc AWT6280 Datasheet HTML 3Page - ANADIGICS, Inc AWT6280 Datasheet HTML 4Page - ANADIGICS, Inc AWT6280 Datasheet HTML 5Page - ANADIGICS, Inc AWT6280 Datasheet HTML 6Page - ANADIGICS, Inc AWT6280 Datasheet HTML 7Page - ANADIGICS, Inc AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
aWt6280
Data Sheet - Rev 2.1
11/2008
table 1: Pin Description
Figure 2: Pinout (X - ray top View)
DCS/PCS_IN
BS
T_EN
X
VBATT
VRAMP
GSM850/900_IN
DCS/PCS_OUT
GSM850/900_OUT
N/C
18
1
9
8
7
2
3
4
5
6
10
16
11
13
15
12
14
17
CEXT
GND
GND
GND
GND
PIN
NaMe
DesCrIPtION
PIN
NaMe
DesCrIPtION
1
DCS/PCS_IN
DCS/PCS RF Input
10 GSM850/900_OUT GSM850/900 RF Output
2
BS
Band Select Logic Input
11
GND
Ground
3
TX_EN
TX Enable Logic Input
12
GND
Ground
4
VBATT
Battery Supply
Connection
13
N/C
No Connection. Do not
ground
5
CEXT
Bypass
14
GND
Ground
6
VRAMP
Analog Signal used to
control the output power
15
GND
Ground
7
GSM850/900_IN GSM850/900 RF Input
16
DCS/PCS_OUT
DCS/PCS RF Output
8
GND
Ground
17
GND
Ground
9
GND
Ground
18
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com