Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6331 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6331
Description  ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6331 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6331 Datasheet HTML 1Page - ANADIGICS, Inc AWT6331 Datasheet HTML 2Page - ANADIGICS, Inc AWT6331 Datasheet HTML 3Page - ANADIGICS, Inc AWT6331 Datasheet HTML 4Page - ANADIGICS, Inc AWT6331 Datasheet HTML 5Page - ANADIGICS, Inc AWT6331 Datasheet HTML 6Page - ANADIGICS, Inc AWT6331 Datasheet HTML 7Page - ANADIGICS, Inc AWT6331 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/2008
AWT6331
ZeroICTM Cellular CDMA 3.4 V/28 dBm
Linear Power Amplifier Module
Data Sheet - Rev 2.1
M27 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
FEATURES
• InGaP HBT Technology
• High Efficiency:
39 % @ +28 dBm output
• Zero Quiescent Current in Switch Mode
• Internal Voltage Regulation
• Optimized for a 50 Ω System
• Low Profile Surface Mount Package: 1 mm
• CDMA 1XRTT, 1xEV-DO Compliant
• RoHS Compliant Package, 250 oC MSL-3
• Suitable for BC10 (806-824 MHz) Applications
band
APPLICATIONS
• CDMA/EVDO Cell-band Wireless Handsets and
Data Devices
PRODUCT DESCRIPTION
The AWT6331 is a new product in the revolutionary
ZeroIC™ PA family. The AWT6331 uses ANADIGICS’
exclusive InGaP-Plus™ technology, which combines
HBT and pHEMT devices on the same die, to enable
state-of-the-art reliability, temperature stability, and
ruggedness.
The AWT6331 has a unique architecture with two RF
inputs. One input drives the power amplifier while the
other input drives an RF switch that bypasses the
power amplifier, going directly to the RF output. The
mode control logic selects the PA or the RF switch. In
Figure 1: Block Diagram
RF switch mode, current consumption is less than 10
A, reducing the average current consumption 70%
more than a HELP2™ PA over the CDG profile. Its
integrated voltage regulator eliminates the need for
external components further reducing size and BOM
cost. The 3 mm x 3 mm x 1 mm surface mount package
incorporates matching networks optimized for output
power, efficiency, and linearity in a 50  system.
Bias Control
VEN 1
7
8
6
GND at slug (pad)
3
4
2
5
9
10
VMODE
RFIN
RFIN_Switch
VBATT
VCC
VCC
GND
GND
RFOUT


Similar Part No. - AWT6331

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6332RM27P9 ANADIGICS-AWT6332RM27P9 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6332RM27Q7 ANADIGICS-AWT6332RM27Q7 Datasheet
429Kb / 8P
ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
More results

Similar Description - AWT6331

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
Rev 1.0
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.1
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.2
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com