Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology LTC2921 Datasheet HTML 15Page - Linear Technology LTC2921 Datasheet HTML 16Page - Linear Technology LTC2921 Datasheet HTML 17Page - Linear Technology LTC2921 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2921/LTC2922 Series
14
29212fa
APPLICATIO S I FOR ATIO
pin has fully ramped up. The switches are N-channel
MOSFETs whose gates are ramped from ground to VPUMP
at a nominal rate of 8V/ms. The PG pin is activated upon
completion of the TIMER delay cycle that follows GATE
ramp-up and remote sense switch activation. When con-
ditions indicate a supply disconnect, the switches shut off
in less than 10
µs.
Figure 10 shows an example of how to connect a switch to
remote sense the load voltage. Although only one remote
sense switch is referred to in this section, the calculations
and comments apply to all.
Before the activation of Q1 and the internal switch, resistor
RX1 provides a direct path between the DC/DC converter’s
output voltage and its feedback network (RY1 and RZ1).
Once Q1 activates, the supply energizes the load. When
the internal switch turns on, it provides a remote sense
path between the load voltage and the converter’s feed-
back network.
To choose a value for resistor RX1, consider the remote
sense switch connection equivalent network in Figure 11.
Resistor RQ1(ON) represents the on-resistance of Q1, and
resistor RFB1(ON) represents the on-resistance of the inter-
nal switch.
To allow the load voltage to dominate the feedback to the
converter when the internal switch is closed, make RX1 >>
RFB1(ON). To set the converter feedback ratio accurately
with RY1 and RZ1, make both RX1 and RFB1(ON) much less
than (RY1 + RZ1). To ensure that most of the load current
flows through the external N-channel FET, choose (RX1 +
RFB1(ON)) >> RQ1(ON). Summarized, these requirements
amount to:
RQ1(ON), RFB(ON) << RX1 << (RY1 + RZ1)
(11)
Approach the selection of RX1 in the following way: design
the DC/DC converter feedback based on the resistive
divider formed by RY1 and RZ1 with VS1 at the desired
supply voltage value. When the resistor values satisfy
Equation 11, Equations 12 through 15 are valid.
PG
ENABLE
4
µA
PG
VCC
SENSE
RSENSE
GATE
VL0
VSRC0
GND
CGATE
RG0
10
Ω
RPG
2921/22 F08
Q0
LTC2922
µC
RESET
VPUMP
PG
ENABLE
4
µA
PG
VCC
SENSE
RSENSE
GATE
VL0
VL5
VSRC0
VSRC5
GND
CGATE
CPG
RG0
10
Ω
RG5
10
Ω
2921/22 F09
Q0
Q5
LTC2922
VPUMP
2921/22 F10
RX1
RY1
RZ1
VSRC1
VOUT
VFB
GND
DC/DC
CONVERTER
LTC2922
V1
GND
GATE
Q1
CGATE
LOAD
RB1
RG1
10
Ω
RA1
VL1
S1
D1
VS1
2921/22 F11
LTC2922
S1
D1
LOAD
IDS1
IQ1
RX1
RFB1(ON)
RQ1(ON)
RY1
RZ1
VSRC1
VL1
VS1
IL1
VOUT
VFB
GND
DC/DC
CONVERTER
Figure 9. PG Pin as Sequenced N-Channel Gate Driver
Figure 8. PG Pin as Logic Output
Figure 10. Automatic Remote Sense Switching Connection
Figure 11. Remote Sense Switch Connection Equivalent Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com