Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 4 Page - Linear Technology

  LTC2921 Datasheet HTML 1Page - Linear Technology LTC2921 Datasheet HTML 2Page - Linear Technology LTC2921 Datasheet HTML 3Page - Linear Technology LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2921/LTC2922 Series
4
29212fa
VCC (V)
2.0
3.0
4.0 4.5
6.5
2921/2 G01
2.5
3.5
5.0 5.5 6.0
3.00
2.75
2.50
2.25
2.00
1.75
1.50
TEMPERATURE (
°C)
–50
2.6
2.4
2.2
2.0
1.8
10
50
2921/2 G02
2921/2 G03
–30
–10
30
70
90
2921/2 G05
2921/2 G04
55
50
45
TEMPERATURE (
°C)
–50
250
200
150
100
50
0
–10
30
50
2921/2 G06
–30
10
70
90
TEMPERATURE (
°C)
–50
–10
30
50
–30
10
70
90
0.505
0.500
0.495
TEMPERATURE (
°C)
–10
30
50
–30
10
70
90
–50
TEMPERATURE (
°C)
–10
30
50
–30
10
70
90
–50
2.0
3.0
4.0 4.5
6.5
2.5
3.5
5.0 5.5 6.0
VCC (V)
2921/2 G07
1.21
1.20
1.19
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
TEMPERATURE (
°C)
–50
70
2921/2 G08
–10
30
–30
10
50
90
2921/2 G09
170
165
160
155
150
145
140
LTC2921-2.5
LTC2922-2.5
LTC2921-3.3
LTC2922-3.3
LTC2921
LTC2922
LTC2921-2.5
LTC2922-2.5
LTC2921-3.3
LTC2922-3.3
LTC2921
LTC2922
PG SIGNAL ASSERTED
PG SIGNAL ASSERTED
MONITOR INPUT OVERDRIVE (mV)
0
100
80
60
40
20
0
40
80
100
20
60
120
140
LTC2921-2.5
LTC2922-2.5
LTC2921/LTC2922
LTC2921-3.3/LTC2922-3.3
VSENSE = VCC
VTIMER = 1V
VTIMER = 0.4V
Supply Current vs Supply Voltage
Supply Current vs Temperature
Monitor Trip Delay vs
Monitor Input Overdrive
Monitor Input Threshold vs
Temperature
Circuit Breaker Trip Voltage vs
Temperature
SENSE Input Current
vs Temperature
TIMER Trip Voltage
vs Temperature
TIMER Pull-Up Current
vs Temperature
TIMER Pull-Down Current
vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com