Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2921 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 5 Page - Linear Technology

  LTC2921 Datasheet HTML 1Page - Linear Technology LTC2921 Datasheet HTML 2Page - Linear Technology LTC2921 Datasheet HTML 3Page - Linear Technology LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2921/LTC2922 Series
5
29212fa
VCC (V)
2.0
3.0
4.0 4.5
6.5
2.5
3.5
5.0 5.5 6.0
12
11
10
9
8
7
6
12
11
10
9
8
7
6
LTC2921-2.5
LTC2922-2.5
LTC2921-3.3
LTC2922-3.3
VCC (V)
2.0
3.0
4.0 4.5
6.5
2.5
3.5
5.0 5.5 6.0
12
11
10
9
8
7
6
TEMPERATURE (
°C)
–50
10
50
2921/2 G11
2921/2 G10
–30
–10
30
70
90
LOAD CURRENT (
µA)
4
0123
7
8
2921/2 G12
6
59
10
12
10
8
6
4
2
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
TEMPERATURE (
°C)
–50
10
50
2921/2 G15
–30
–10
30
70
90
TEMPERATURE (
°C)
–50
10
50
2921/2 G13
–30
–10
30
70
90
2921/2 G14
GATE LOAD = 1000pF || 10M
Ω
PG LOAD = 2k
Ω TO VCC
VCC BYPASS CAP = 1µF
GATE LOAD = 1000pF || 10M
Ω
PG LOAD = 2k
Ω TO VCC
VCC BYPASS CAP = 1µF
LTC2921
LTC2922
LTC2921-2.5
LTC2922-2.5
LTC2921-3.3
LTC2922-3.3
LTC2921
LTC2922
LTC2921-2.5
LTC2922-2.5
LTC2921-2.5
LTC2922-2.5
LTC2921-3.3
LTC2922-3.3
LTC2921-3.3
LTC2922-3.3
LTC2921
LTC2922
LTC2921
LTC2922
11.5
11.0
10.5
10.0
9.5
9.0
8.5
VGATE = VCC
VPG = VCC
GATE LOAD = 1000pF || 10M
Ω
PG LOAD = 2k
Ω TO VCC
VCC BYPASS CAP = 1µF
GATE LOAD = 1000pF || 10M
Ω
PG LOAD = 1000pF || 10M
Ω
VCC BYPASS CAP = 1µF
Gate Voltage vs Supply Voltage
Gate Voltage vs Temperature
Gate Voltage vs Load Current
GATE Pull-Up Current
vs Temperature
PG Pull-Up Current vs
Temperature
PG Voltage vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com