Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926CUFD Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2926CUFD
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926CUFD Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2926CUFD Datasheet HTML 14Page - Linear Technology LTC2926CUFD Datasheet HTML 15Page - Linear Technology LTC2926CUFD Datasheet HTML 16Page - Linear Technology LTC2926CUFD Datasheet HTML 17Page - Linear Technology LTC2926CUFD Datasheet HTML 18Page - Linear Technology LTC2926CUFD Datasheet HTML 19Page - Linear Technology LTC2926CUFD Datasheet HTML 20Page - Linear Technology LTC2926CUFD Datasheet HTML 21Page - Linear Technology LTC2926CUFD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2926
18
2926fa
NC
RTB1
15.0k
RTA1
9.53k
2926 F14
LTC2926
S1
FB1
RAMPBUF
TRACK1
TRACK2
GND
PGTMR
VIN
RTB2
15.0k
RTA2
5.76k
FAULT
10k
CPGTMR
1
µF
CMGATE
0.1
µF
MGATE
0.1
µF
10
Ω
VCC
RAMP
VIN
STATUS
STATUS/PGI
ON
ON/OFF
RSGATE
10k
3.3V VIN
Q0
IRF7413Z
SGATE2
10
Ω
Q2
IRF7413Z
SGATE1
10
Ω
3.3V
MASTER
D1
RFB1
15.0k
RFA1
9.53k
S2
FB2
D2
RFB2
15.0k
RFA2
5.76k
FAULT
OUT
IN
SENSE
RX1
100
Ω
1.8V MODULE
3.3V
Q1
IRF7413Z
1.8V
SLAVE1
OUT
IN
SENSE
RX2
100
Ω
2.5V MODULE
3.3V
2.5V
SLAVE2
Figure 14. Coincident Tracking Example
before the master ramp reaches its final value; otherwise,
the slave supply voltage will be held below its intended
level. Calculate the upper track resistor, RTB, from:
RR
S
S
TB
FB
M
S
=•
⎛
⎝⎜
⎞
⎠⎟
(4)
Choose a voltage difference between the master and slave
ramps,
ΔV, if offset tracking is desired. If a time delay is
desired for supply sequencing, calculate an effective volt-
age difference based on the master ramp rate. If neither
voltage offset nor time delay is required, set
ΔV = 0V.
ΔV = a voltage difference (offset tracking), or
(5a)
ΔV = SM • tDLY (supply sequencing), or
(5b)
ΔV = 0V (coincident/ratiometric tracking)
(5c)
Use the following formula to determine the lower track
resistors, RTA, using the TRACK pin voltage, VTRACK, and
the FB pin internal reference voltage, VFB(REF), both from
the Electrical Characteristics:
R
V
V
R
V
R
V
R
TA
TRACK
FB REF
FB
FB REF
FA
TRACK
TB
=
+−
()
()
++ ∆
V
RTB
(6)
Note that large ratios of slave ramp rate to master ramp
rate, SS/SM, may result in negative values for RTA. In such
cases increase the offset or delay, or reduce the slave ramp
rate to realize positive values of RTA.
APPLICATIO S I FOR ATIO
Figure 13. Coincident Tracking Waveforms from Figure 14 Circuit
Coincident Tracking Example
A typical three-supply application is shown in Figure 14.
The master signal is 3.3V, the slave 1 supply is a 1.8V
module, and the slave 2 supply is a 2.5V module. Allow for
±10% tolerance of the slave supply voltages. Both slave
supplies track coincidently with the 3.3V master supply
that is controlled by an external MOSFET. The ramp rate of
the supplies is 100V/s. The slave supplies’ minimum load
resistances are 150
Ω.Theexternalconfigurationresistors
500mV/DIV
MASTER
SLAVE2
SLAVE1
5ms/DIV
2926 F13
500mV/DIV
5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com