Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926CUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2926CUFD
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926CUFD Datasheet(HTML) 5 Page - Linear Technology

  LTC2926CUFD Datasheet HTML 1Page - Linear Technology LTC2926CUFD Datasheet HTML 2Page - Linear Technology LTC2926CUFD Datasheet HTML 3Page - Linear Technology LTC2926CUFD Datasheet HTML 4Page - Linear Technology LTC2926CUFD Datasheet HTML 5Page - Linear Technology LTC2926CUFD Datasheet HTML 6Page - Linear Technology LTC2926CUFD Datasheet HTML 7Page - Linear Technology LTC2926CUFD Datasheet HTML 8Page - Linear Technology LTC2926CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2926
5
2926fa
TEMPERATURE (
°C)
2926 G08
VCC = 5.5V
VCC = 3.3V
VCC = 2.9V
–50
25
75
–25
0
50
100
30
25
20
15
10
0
5
MGATE, RSGATE PINS
FAULT LATCH SET
VCC (V)
2.5
6.0
2926 G07
3.0
3.5
4.0
4.5
5.0
5.5
30
25
20
15
10
0
5
FAULT LATCH SET
MGATE, RSGATE, SGATE1, SGATE2 PINS
ILOAD (µA)
6
0
5
4
3
2
1
2926 G06
015
25
510
20
35
30
MGATE, RSGATE,
SGATE1, SGATE2 PINS
PULL-UP MODE
SGATE1,
SGATE2 PINS
FAST PULL-UP
MODE
GATE DRIVE = VPIN – VCC
VCC (V)
2.5
6.0
2926 G05
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5.8
5.6
5.4
5.2
5.0
GATE DRIVE = VPIN – VCC
MGATE, RSGATE, SGATE1, SGATE2 PINS
IGATE = –1µA
VCC (V)
2.5
12
10
8
6
4
2
0
4.0
5.0
2926 G01
3.0
3.5
4.5
5.5
6.0
IRAMPBUF = –3mA
ITRACKn = –1mA
IFBn = –1mA
IRAMPBUF = 0mA
ITRACKn = 0mA
IFBn = 0mA
TEMPERATURE (
°C)
12
10
8
6
4
2
0
2926 G02
IRAMPBUF = –3mA
ITRACKn = –1mA
IFBn = –1mA
IRAMPBUF = 0mA
ITRACKn = 0mA
IFBn = 0mA
–50
25
75
–25
0
50
100
TEMPERATURE (
°C)
0.812
0.808
0.804
0.800
0.796
0.792
0.788
2926 G03
ITRACK = –10µA
ITRACK = –1mA
–50
25
75
–25
0
50
100
Supply Current vs Supply Voltage
Supply Current vs Temperature
Track Pin Voltage vs Temperature
Gate Drive Voltages vs
Supply Voltage
Gate Drive Voltages vs
Load Current
MGATE, RSGATE Fault Pull-Down
Currents vs Temperature
SGATE Fault Pull-Down Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Gate Fault Pull-Down Currents vs
Supply Voltage
TEMPERATURE (
°C)
2926 G09
VCC = 5.5V
VCC = 3.3V
VCC = 2.9V
–50
25
75
–25
0
50
100
30
25
20
15
10
0
5
SGATE1, SGATE2 PINS
FAULT LATCH SET
Specifications are at TA = 25°C, VCC = 3.3V
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com