Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926CUFD Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2926CUFD
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926CUFD Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2926CUFD Datasheet HTML 19Page - Linear Technology LTC2926CUFD Datasheet HTML 20Page - Linear Technology LTC2926CUFD Datasheet HTML 21Page - Linear Technology LTC2926CUFD Datasheet HTML 22Page - Linear Technology LTC2926CUFD Datasheet HTML 23Page - Linear Technology LTC2926CUFD Datasheet HTML 24Page - Linear Technology LTC2926CUFD Datasheet HTML 25Page - Linear Technology LTC2926CUFD Datasheet HTML 26Page - Linear Technology LTC2926CUFD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2926
23
2926fa
APPLICATIO S I FOR ATIO
Slave Control Without MOSFETs
The LTC2926 can control tracking and sequencing of a
slave supply without a MOSFET if the supply generator’s
output voltage is set by an accessible resistive voltage
divider and if its voltage reference is ground-based. Track-
ing currents mirrored to the FB pins are injected into the
feedback nodes of the supply generators to control the
output voltage. When master ramp signal has reached
it maximum voltage, the FB pin current is zero, and the
LTC2926 has no effect on the output voltage accuracy,
transient response or stability of the generator.
To control a supply generator (e.g., DC/DC converter) with
a feedback reference voltage VFB(GEN) of 0.75V or less,
connect the FB pin of the LTC2926 to the tap point of the
generator’s resistive divider, as shown in Figure 21a. Fol-
low steps 1 and 3 of the Three-Step Design Procedure to
set the ramp rates and tracking profile. Use the feedback
resistor values required by the supply generator for RFA
and RFB in step 3.
A generator with VFB(GEN)>0.75Vmaybecontrolledwithout
a MOSFET if the slave voltage is large enough (see Figure
22). First follow steps 1 and 3 of the Three-Step Design
Procedure to set the ramp rates and tracking profile.
Use the feedback resistor values required by the supply
generator in step 3. Next, split resistor RFA as in Figure
21b, so that
RR
V
V
and
FAA
FA
FB GEN
≤
•
.
()
075
RFAB = RFA – RFAA
and tie the LTC2926’s FB pin to the node in between. The
new tap point allows the LTC2926’s FB pin to see <0.75V
at the end of ramp-up. Finally, scale the track resistors to
match RFAA:
′ =
+
•
R
R
RR
R
TA
FAA
FAA
FAB
TA and
′ =
+
•
R
R
RR
R
TB
FAA
FAA
FAB
TB
Voltage regulators that force their reference voltage be-
tween their output and feedback nodes do not employ a
ground-based reference, and thus will not be controllable
by the LTC2926 without a series MOSFET.
Figure 21. Slave Supply Control Without a MOSFET
(a) Generator Reference VFB(GEN) ≤ 0.75V and (b) Generator Reference VFB(GEN) > 0.75V
OUT
SUPPLY GENERATOR
IN
FB
GND
VFB(GEN)
VIN
SLAVE
NC
RTB
RTA
LTC2926
RAMPBUF
TRACK
GND
SGATE
FB
(a)
RFA
NC
RTB
RTA
2926 F21
LTC2926
RAMPBUF
TRACK
GND
SGATE
FB
OUT
SUPPLY GENERATOR
IN
FB
GND
VFB(GEN)
VIN
SLAVE
(b)
RFAB
RFB
RFAA
RFB
′
′
VFB(GEN) (V)
0
6
5
4
3
2
1
0
0.25
0.50
0.75
1.00
2926 F22
1.25
1.50
CONTROL
VIA FB PIN
CONTROL VIA
FB PIN AND
SPLIT RFA
RESISTOR
MOSFET
CONTROL ONLY
Figure 22. Regions of Possible
Slave Control Without a MOSFET
Slave Supply Control Without
a MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com