Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3552 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 9Page - Linear Technology LTC3552 Datasheet HTML 10Page - Linear Technology LTC3552 Datasheet HTML 11Page - Linear Technology LTC3552 Datasheet HTML 12Page - Linear Technology LTC3552 Datasheet HTML 13Page - Linear Technology LTC3552 Datasheet HTML 14Page - Linear Technology LTC3552 Datasheet HTML 15Page - Linear Technology LTC3552 Datasheet HTML 16Page - Linear Technology LTC3552 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3552
13
3552f
APPLICATIO S I FOR ATIO
A typical LTC3552 application circuit is shown in
Figure 2. External component selection is driven by
the charging requirements and the switching regulators
load requirements.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The charge current out of
the BAT pin is 1000 times the current out of the PROG
pin. The program resistor and the charge current are
calculated using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1000
,
Charge current out of the BAT pin can be determined
anytime by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Programming Charge Termination
The charge cycle terminates when the charge current falls
below the programmed termination threshold. This thresh-
old is set by connecting an external resistor, RTERM, from
Figure 2. LTC3552 Basic Application Circuit
* Any external sources that hold the ITERM pin above 100mV will prevent the LTC3552
from terminating a charge cycle.
** These equations apply only when the ITERM pin is shorted to the PROG pin.
the ITERM pin to ground. The charge termination current
threshold (ITERM) is set by the following equation:
I
V
R
IR
R
R
TERM
TERM
CHG
PROG
TERM
TERM
==
=
100
10
100
•,
V
V
ITERM
The termination condition is detected by using an internal
filtered comparator to monitor the ITERM pin. When the
ITERM pin voltage drops below 100mV* for longer than
tTERM (typically 1ms), charging is terminated. The charge
current is latched off and the charger enters standby mode
where the input supply current drops to 200µA. (Note:
Termination is disabled in trickle charging and thermal
limiting modes).
ITERM can be set to one tenth of ICHG by shorting the
ITERM pin to the PROG pin, thus eliminating the need
for external resistor RTERM. When configured in this way,
ITERM is always set to ICHG/10, and the programmed charge
current is set by the equation:
I
V
R
R
V
I
CHG
PROG
PROG
CHG
==
500
500
,
**
VIN
4.5V TO 6.5V
VOUT2
2.5V/400mA
VOUT1
1.8V/800mA
3552 F02
LTC3552
VIN
GND
COUT2
4.7
µF
CER
COUT1
10
µF
CER
ITERM
PROG
SW2
RUN1
RUN2
BAT
VCC
SW1
800mA
VFB2
VFB1
CFF2
68pF
R4
887k
R3
280k
CFF1
33pF
4.7
µH
1
µF
10
µF
2.2
µH
CHRG
PWR
EN
POR
MODE/SYNC
619
Ω
1.24k
+
4.2V
1-CELL Li-Ion
BATTERY
R2
604k
R1
301k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com