Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3552 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 4 Page - Linear Technology

  LTC3552 Datasheet HTML 1Page - Linear Technology LTC3552 Datasheet HTML 2Page - Linear Technology LTC3552 Datasheet HTML 3Page - Linear Technology LTC3552 Datasheet HTML 4Page - Linear Technology LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3552
4
3552f
VPROG (V)
0
0
100
200
300
400
600
0.2
0.4
0.6
0.8
3552 G03
1
1.2
500
VIN = 5V
RPROG = 2k
RITERM = 2k
TEMPERATURE (
°C)
–50
0.9975
1.0000
1.0025
25
75
3552 G02
0.9950
0.9925
0.9900
–25
0
50
1.0050
1.0075
1.0100
100
VIN = 5V
VBAT = 4V
RPROG = 10k
VIN (V)
4
0.985
0.990
0.995
1.000
1.005
1.015
4.5
5
5.5
6
3552 G01
6.5
7
7.5
8
1.010
VBAT = 4V
RPROG = 10k
PROG Pin Voltage vs VIN
(Constant-Current Mode)
PROG Pin Voltage
vs Temperature
Charge Current
vs PROG Pin Voltage
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C Unless Otherwise Specified.
Battery Charger
TEMPERATURE (
°C)
–50
4.185
4.190
4.195
4.200
4.205
4.215
–25
025
50
3552 G05
75
100
4.210
VIN = 5V
RPROG = 10k
IBAT (mA)
0
4.24
300
3552 G04
4.18
4.14
100
200
400
4.12
4.10
4.26
4.22
4.20
4.16
500
600
700
VIN = 5V
RPROG = 1.25k
VIN (V)
4.185
4.190
4.195
4.200
4.205
4.215
3552 G06
4.210
4
4.5
5
5.5
6
6.5
7
7.5
8
RPROG = 10k
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
Regulated Output (Float)
Voltage vs VIN
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Pins of regulators should not exceed 6V.
Note 2: The LTC3552E is guaranteed to meet performance specifications
from 0°C to 85°C Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40°C/W. See
Thermal Considerations.
Note 4: Supply current includes PROG pin current and ITERM pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin (approximately 100mA).
Note 5: The regulator is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 6: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 7: The regulator power switch on-resistances are guaranteed by
correlation to wafer level measurements.
Note 8: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com