Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3552 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 2Page - Linear Technology LTC3552 Datasheet HTML 3Page - Linear Technology LTC3552 Datasheet HTML 4Page - Linear Technology LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology LTC3552 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3552
6
3552f
TYPICAL PERFOR A CE CHARACTERISTICS
3552 G14
VCC = 3.6V
VOUT1 = 1.8V
ILOAD = 60mA, MODE/SYNC = 3.6V
REGULATOR 1; CIRCUIT OF FIGURE 2
SW
5V/DIV
VOUT
RIPPLE
20mV/DIV
IL
200mA/
DIV
2
µs/DIV
3552 G16
VCC = 3.6V
VOUT1 = 1.8V
ILOAD = 30mA, MODE/SYNC = 0V
REGULATOR 1; CIRCUIT OF FIGURE 2
SW
5V/DIV
VOUT
10mV/
DIV
IL
200mA
/DIV
1
µs/DIV
3552 G17
VCC (V)
2
3
45
6
100
95
90
85
80
75
70
65
60
VOUT = 1.8V, REGULATOR 1
Burst Mode OPERATION
CIRCUIT OF FIGURE 2
800mA
10mA
100mA
1mA
2.5
2.4
2.3
2.2
2.1
2.0
TEMPERATURE (
°C)
–50
25
75
3552 G18
–25
0
50
100
125
VCC = 3.6V
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC (V)
2
3552 G19
3
45
6
Battery Charger
Efficiency vs VCC
Oscillator Frequency
vs Temperature
Oscillator Frequency
Error vs VCC
Burst Mode Operation
Load Step
Pulse-Skipping Mode
TA = 25°C Unless Otherwise Specified.
3552 G15
VCC = 3.6V
VOUT1 = 1.8V
ILOAD = 80mA TO 800mA
REGULATOR 1; CIRCUIT OF FIGURE 2
VOUT
200mV/DIV
ILOAD:
80mA-
800mA
500mA/DIV
IL
500mA/DIV
20
µs/DIV
TEMPERATURE (
°C)
–50
4.04
4.06
4.08
4.10
4.12
4.16
–25
025
50
3552 G13
75
100
4.14
VIN = 5V
RPROG = 10k
Recharge Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
350
400
450
500
600
550
650
700
–25
025
50
3552 G12
75
125
100
VIN = 4.2V
IBAT = 100mA
RPROG = 2k
Power FET On-Resistance
vs Temperature
Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com