Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8652LP Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB8652LP
Description  Driver for Digital Still Cameras
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8652LP Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LB8652LP Datasheet HTML 1Page - Sanyo Semicon Device LB8652LP Datasheet HTML 2Page - Sanyo Semicon Device LB8652LP Datasheet HTML 3Page - Sanyo Semicon Device LB8652LP Datasheet HTML 4Page - Sanyo Semicon Device LB8652LP Datasheet HTML 5Page - Sanyo Semicon Device LB8652LP Datasheet HTML 6Page - Sanyo Semicon Device LB8652LP Datasheet HTML 7Page - Sanyo Semicon Device LB8652LP Datasheet HTML 8Page - Sanyo Semicon Device LB8652LP Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB8652T, LB8652LP
No.7896-8/9
Points to Take into Consideration When Designing
(1) For shutter control Constant current setting (RFG1, RFG2, OUT1, OUT2)
The constant current when flowing the current from OUT2 to OUT1 can be specified by a resistor connected
between RFG and GND. (In this case, RFG1 is connected to the emitter side of NPN transistor while RFG2 is
connected to the minus input side of constant-current control amplifier.) The reference voltage is generated in the
IC and it is approximately 0.218V. The voltage is controlled in such a way so that the voltage generated at the
resistor used for current detection connected between RFG and GND would be equal to this voltage.
The formula for calculating the output current is as given below. In addition, as a fundamental setting, it is
designed so that the approx. 200mA would flow through the coil when RFG resistor is connected with 1
Ω.
(Current flows from OUT2 to OUT1)
= 0.218V
÷(Resistance between RFG and GND+0.05Ω) - (Drive current of output Tr)
This 0.05
Ω is for a common impedance of the output Tr emitter which drives constant current in the RFG pin and
the sensing wiring for the constant current control amplifier.
Also, the drive current of output Tr is equal to 1/hfe (a 80th to 200th part approx.) of the coil current.
The constant current flowed from OUT2 to OUT1 is more accurate than that flowed from OUT1 to OUT2.
Therefore make sure to use this method for shutter closing drive.
(2) For shutter control Open-loop constant current control setting (ILM, OUT1, OUT2)
In order to prevent the high-current flowing when shutter opening, the output current control circuit is
implemented for current flowing from OUT1 to OUT2. The constant current when flowing the current from
OUT1 to OUT2 can be specified by a resistor connected between ILM and GND.
The formula for calculating the output current is as given below.
(Current flows from OUT1 to OUT2) = 1.36V
÷(Resistance between ILM and GND) ×200 approx.
Due to open-loop control by which feedback signals are not sent, the accuracy of constant current is relatively
inferior. It is used for shutter opening drive.
(3) Phase compensation capacitor (FC)
See and check the capacitor value for FC pin between 0.0015 to 0.033
μF. Choose a capacitance value which does
not cause oscillation problems for output. In particular, when a coil with large inductance is used, it is necessary
to choose a sufficiently large capacitance.
(4) Constant voltage control Oscillation-stopping capacitor (OUT4, OUT8)
When controlling the constant voltages, it is necessary to place capacitors between the OUT pins to stop
oscillation. See and check the capacitance value between 0.01
μF to 0.1μF. Choose a capacitance value which
does not cause oscillation problems for output.
When driving at saturation, there is no need for such oscillation-stopping capacitors.
(5) GND wiring and power line capacitors : (SGND, PGND, VCC, VB)
Connect GND (2 places) near the IC, and place the capacitors as close as possible to each of the power pins.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com