Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8652LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB8652LP
Description  Driver for Digital Still Cameras
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8652LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB8652LP Datasheet HTML 1Page - Sanyo Semicon Device LB8652LP Datasheet HTML 2Page - Sanyo Semicon Device LB8652LP Datasheet HTML 3Page - Sanyo Semicon Device LB8652LP Datasheet HTML 4Page - Sanyo Semicon Device LB8652LP Datasheet HTML 5Page - Sanyo Semicon Device LB8652LP Datasheet HTML 6Page - Sanyo Semicon Device LB8652LP Datasheet HTML 7Page - Sanyo Semicon Device LB8652LP Datasheet HTML 8Page - Sanyo Semicon Device LB8652LP Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
13008 TI IM 20080108-S00002, B8-8789 / D2006 SY IM B8-8570 No.7896-1/9
LB8652T
LB8652LP
Features
• Actuator driver for digital camera built into one chip (no simultaneous drive)
(1) Saturation output for AF - stepping motor (two-phase, 1 - 2 phases excitation possible)
(2) Constant current control output for SH - VCM
• Response speed stabilized by means of a rapid charge circuit and rapid discharge circuit
• Shutter close control possible with the input one-port
• Current setting possible separately for the shutter “OPEN” and “CLOSE”
(Open loop control for the shutter “OPEN”)
(3) Saturation output for AE - VCM or stepping motor applicable (2-phase, 1 - 2 phases excitation possible)
(4) Constant-voltage output for ZOOM - DC motor (forward/reverse/braking) or saturation output stepping motor
(two-phase, 1 - 2 phases excitation possible)
• Applications of various actuators possible.
SH
AE
AF
ZOOM
Application Example 1
VCM
VCM
STM
DCM
Application Example 2
VCM
VCM
STM
STM
Application Example 3
VCM
STM
STM
DCM
• No standby current consumption (or zero).
• 2 system power source (VB : for DC motor, VCC : others)
• Low saturation output
• Built-in thermal protection circuitry
• Small and thin package: TSSOP24 (225mil) for LB8652T and VQFN44 (5.0×5.0) for LB8652LP
Ordering number : EN7896D
Monolithic Digital IC
Driver for Digital Still Cameras
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LB8652LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
Monolithic Digital IC Driver for Digital Still Cameras
More results

Similar Description - LB8652LP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Sanyo Semicon Device
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
Monolithic Digital IC Driver for Digital Still Cameras
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
Monolithic Digital IC Driver for Digital Still Cameras
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
Driver for Digital Still Cameras
LV8048CS SANYO-LV8048CS Datasheet
820Kb / 28P
For Digital Still Cameras Single-chip motor driver IC for
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
u - step System Lens Driver for Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
Digital Still Cameras
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com