Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8652LP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB8652LP
Description  Driver for Digital Still Cameras
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8652LP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB8652LP Datasheet HTML 1Page - Sanyo Semicon Device LB8652LP Datasheet HTML 2Page - Sanyo Semicon Device LB8652LP Datasheet HTML 3Page - Sanyo Semicon Device LB8652LP Datasheet HTML 4Page - Sanyo Semicon Device LB8652LP Datasheet HTML 5Page - Sanyo Semicon Device LB8652LP Datasheet HTML 6Page - Sanyo Semicon Device LB8652LP Datasheet HTML 7Page - Sanyo Semicon Device LB8652LP Datasheet HTML 8Page - Sanyo Semicon Device LB8652LP Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LB8652T, LB8652LP
No.7896-3/9
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC motor driver for ZOOM (OUT4 to 8)
Output Constant Voltage
VO
VB = 3.0 to 3.7V, VC = 1V
2.38
2.5
2.62
V
Output Saturation Voltage 4
VSAT4
VB = 3.3V, IO = 0.3A (upper and lower)
0.2
0.3
0.45
V
Output Saturation Voltage 5
VSAT5
VB = 3.3V, IO = 0.3A (upper)
0.1
0.18
0.25
V
Package Dimensions
unit : mm (typ)
3260A
[LB8652T]
[LB8652T]
Package Dimensions
unit : mm (typ)
3302A
[LB8652LP]
[LB8652LP]
SANYO : TSSOP24(225mil)
0.5
(0.5)
6.5
0.15
1
12
24
13
0.22
SANYO : VQLP40(5.0X5.0)
0.2
5.0
1
40
0.35
(0.7)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
2
-20
0
20406080
448
100
Pd max - Ta
ILB01754
200
0
400
600
800
1000
Mounted on a specified board:
76.1mm
×114.3mm×1.6mm glass epoxy
Ambient Temperature, Ta -
°C
-20
0
204060
80
784
100
200
0
400
600
800
1000
1200
1400
1600
Pd max - Ta
Ambient Temperature, Ta -
°C
ILB01819
Mounted on a specified board:
40.0mm
×50.0mm×0.8mm
of four layers of glass epoxy



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com