Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4080X Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 1 Page - Linear Technology

  LTC4080X Datasheet HTML 1Page - Linear Technology LTC4080X Datasheet HTML 2Page - Linear Technology LTC4080X Datasheet HTML 3Page - Linear Technology LTC4080X Datasheet HTML 4Page - Linear Technology LTC4080X Datasheet HTML 5Page - Linear Technology LTC4080X Datasheet HTML 6Page - Linear Technology LTC4080X Datasheet HTML 7Page - Linear Technology LTC4080X Datasheet HTML 8Page - Linear Technology LTC4080X Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4080X
1
4080Xf
■
Wireless Headsets
■
Bluetooth Applications
■
Portable MP3 Players
■
Multifunction Wristwatches
Li-Ion Battery Charger with 1.8V Buck Regulator
500mA Standalone Li-Ion
Charger with Integrated 300mA
Synchronous Buck in 3mm × 3mm DFN
The LTC4080X is a complete constant-current/constant-
voltage linear battery charger for a single-cell 4.2V
lithium-ion/polymer battery with an integrated 300mA
synchronous buck converter. A 3mm × 3mm DFN package
and low external component count make the LTC4080X
especially suitable for portable applications. Furthermore,
the LTC4080X is specifically designed to work within USB
power specifications.
The
⎯C⎯H⎯R⎯G pin indicates when charge current has
dropped to ten percent of its programmed value (C/10).
An internal 4.5 hour timer terminates the charge cycle.
The full-featured LTC4080X battery charger also includes
automatic recharge and soft-start to limit inrush current.
If trickle charging is desired, please see the LTC4080
datasheet.
The LTC4080X integrates a synchronous buck converter
that is powered from the BAT pin. It has an adjustable
output voltage and can deliver up to 300mA of load cur-
rent. The buck converter also features low-current high-
efficiency Burst Mode operation that can be selected by
the MODE pin.
The LTC4080X is available in 10-lead, low profile (0.75 mm)
3mm × 3mm DFN and 10-lead MSE packages.
■
Complete Linear Battery Charger with Integrated
Buck Converter in 3mm x 3mm DFN Package
Battery Charger:
■
Constant-Current/Constant-Voltage Operation
with Thermal Feedback to Maximize Charge Rate
Without Risk of Overheating
■
Internal 4.5 Hour Safety Timer for Termination
■
Charge Current Programmable Up to 500mA with
5% Accuracy
■
C/10 Charge Current Detection Output
■
5µA Supply Current in Shutdown Mode
Switching Regulator:
■
High Efficiency Synchronous Buck Converter
■
300mA Output Current (Constant-Frequency Mode)
■
2.7V to 4.5V Input Range (Powered from BAT Pin)
■
0.8V to VBAT Output Range
■
MODE Pin Selects Fixed (2.25MHz) Constant-Frequency
PWM Mode or Low ICC (23µA) Burst Mode
®
Operation
■
2µA BAT Current in Shutdown Mode
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6522118.
500mA
4.2V
Li-Ion/
POLYMER
BATTERY
4.7
µF
806
Ω
806k
COUT
4.7
µF
4080X TA01a
10pF
1M
LTC4080X
EN_CHRG
EN_BUCK
MODE
SW
FB
PROG
VCC
BAT
VOUT
(1.8V/300mA)
1O
µH
GND
4.7
µF
VCC
(3.75V
to 5.5V)
+
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
1
1000
20
0
100
1
10
100
0.1
0.01
1000
4080X TA01b
VBAT = 3.8V
VOUT = 1.8V
L = 10
µH
C = 4.7
µF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)
Buck Efficiency vs Load Current
(VOUT = 1.8V)


Similar Part No. - LTC4080X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
More results

Similar Description - LTC4080X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com