Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4080X Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 10Page - Linear Technology LTC4080X Datasheet HTML 11Page - Linear Technology LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology LTC4080X Datasheet HTML 17Page - Linear Technology LTC4080X Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4080X
14
4080Xf
OPERATIO
enough. The frequency of this intermittent burst operation
depends on the load current. That is, as the load current
drops further, the regulator turns on less frequently. Thus
Burst Mode operation increases the efficiency at light loads
by minimizing the switching and quiescent losses. However,
the output voltage ripple increases to about 2%.
To minimize ripple in the output voltage, the current limits
for both switches in Burst Mode operation are reduced
to about 20% of their values in the constant-frequency
mode. Also the zero current of the synchronous switch
is changed to about 35mA thereby preventing reverse
conduction through the inductor. Consequently, the regu-
lator can only deliver approximately 67mA of load current
while in Burst Mode operation. Any attempt to draw more
load current will cause the output voltage to drop out of
regulation.
Current Limit
To prevent inductor current runaway, there are absolute
current limits (ILIM) on both the PMOS main switch and
the NMOS synchronous switch. These limits are internally
set at 520mA and 700mA respectively for PWM mode. If
the peak inductor current demanded by the error amplifier
ever exceeds the PMOS ILIM, the error amplifier will be
ignored and the inductor current will be limited to PMOS
ILIM. In Burst Mode operation, the PMOS current limit is
reduced to 100mA to minimize output voltage ripple.
Zero Current Comparator
The zero or reverse current comparator monitors the induc-
tor current to the output and shuts off the synchronous
rectifier when this current reduces to a predetermined
value (IZERO). In fixed frequency mode, this is set to nega-
tive 15mA meaning that the regulator allows the inductor
current to flow in the reverse direction (from the output to
ground through the synchronous rectifier) to a maximum
value of 15mA. This is done to ensure that the regulator
is able to regulate at very light loads without skipping any
cycles thereby keeping output voltage ripple and noise low
at the cost of efficiency.
However, in Burst Mode operation, IZERO is set to positive
35mA meaning that the synchronous switch is turned off
as soon as the current through the inductor to the output
decreases to 35mA in the discharge cycle. This preserves
the charge on the output capacitor and increases the overall
efficiency at light loads.
Soft-Start
The LTC4080X switching regulator provides soft-start in
both modes of operation by slowly charging an internal
capacitor. The voltage on this capacitor, in turn, slowly
ramps the current limits of both switches from a low value
to their respective maximum values over a period of about
400µs. The soft-start capacitor is discharged completely
whenever the regulator is disabled.
Short-Circuit Protection
In the event of a short circuit at the output or during
start-up, VOUT will be near zero volts. Since the downward
slope of the inductor current is ~VOUT/L, the inductor
current may not get a chance to discharge enough to
avoid a runaway situation. Because the current sensing
is blanked for ~12ns at the beginning of each clock cycle,
inductor current can build up to a dangerously high level
over a number of cycles even if there is a hard current
limit on the main PMOS switch. This is why the switching
regulator in the LTC4080X also monitors current through
the synchronous NMOS switch and imposes a hard limit
on it. If the inductor current through the NMOS switch at
the end of a discharge cycle is not below this limit, the
regulator skips the next charging cycle thereby preventing
inductor current runaway.
Switching Regulator Undervoltage Lockout
Whenever VBAT is less than 2.7V, an undervoltage lock-
out circuit keeps the regulator off, preventing unreliable
operation. However, if the regulator is already running
and the battery voltage is dropping, the undervoltage
comparator does not shut down the regulator until VBAT
drops below 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com