Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4080X Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4080X Datasheet HTML 9Page - Linear Technology LTC4080X Datasheet HTML 10Page - Linear Technology LTC4080X Datasheet HTML 11Page - Linear Technology LTC4080X Datasheet HTML 12Page - Linear Technology LTC4080X Datasheet HTML 13Page - Linear Technology LTC4080X Datasheet HTML 14Page - Linear Technology LTC4080X Datasheet HTML 15Page - Linear Technology LTC4080X Datasheet HTML 16Page - Linear Technology LTC4080X Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4080X
13
4080Xf
Timer and Recharge
The LTC4080X’s battery charger has an internal charge
termination timer that starts when the input voltage is
greater than the undervoltage lockout threshold and at
least 82mV above BAT, and the battery charger is leaving
shutdown.
At power-up or when exiting shutdown, the charge time
is set to 4.5 hours. Once the charge cycle terminates, the
battery charger continuously monitors the BAT pin voltage
using a comparator with a 2ms filter time. When the aver-
age battery voltage falls below 4.1V (which corresponds
to 80%-90% battery capacity), a new charge cycle is initi-
ated and a 2.25 hour timer begins. This ensures that the
battery is kept at, or near, a fully charged condition and
eliminates the need for periodic charge cycle initiations.
The
⎯C⎯H⎯R⎯G output assumes a strong pulldown state dur-
ing recharge cycles until C/10 is reached or the recharge
cycle terminates.
SWITCHING REGULATOR OPERATION:
The switching buck regulator in the LTC4080X can be turned
on by pulling the EN_BUCK pin above VIH. It has two user-
selectable modes of operation: constant-frequency (PWM)
mode and Burst Mode Operation. The constant-frequency
mode operation offers low noise at the expense of efficiency
whereas the Burst Mode operation offers higher efficiency
at light loads at the cost of increased noise, higher output
voltage ripple, and less output current. A detailed descrip-
tion of different operating modes and different aspects of
operation follow. Operations can best be understood by
referring to the Block Diagram.
Constant-Frequency (PWM) Mode Operation
The switching regulator operates in constant-frequency
(PWM) mode when the MODE pin is pulled below VIL. In
this mode, it uses a current mode architecture including
an oscillator, an error amplifier, and a PWM comparator
for excellent line and load regulation. The main switch
MP2 (P-channel MOSFET) turns on to charge the inductor
at the beginning of each clock cycle if the FB pin voltage
is less than the 0.8V reference voltage. The current into
the inductor (and the load) increases until it reaches the
peak current demanded by the error amp. At this point,
the main switch turns off and the synchronous switch
MN1 (N-channel MOSFET) turns on allowing the inductor
current to flow from ground to the load until either the
next clock cycle begins or the current reduces to the zero
current (IZERO) level.
Oscillator: In constant-frequency mode, the switching
regulator uses a dedicated oscillator which runs at a
fixed frequency of 2.25MHz. This frequency is chosen to
minimize possible interference with the AM radio band.
Error Amplifier: The error amplifier is an internally com-
pensated transconductance (gm) amplifier with a gm
of 65 µmhos. The internal 0.8V reference voltage is
compared to the voltage at the FB pin to generate a
current signal at the output of the error amplifier. This cur-
rent signal represents the peak inductor current required
to achieve regulation.
PWM Comparator: Lossless current sensing converts
the PMOS switch current signal to a voltage which is
summed with the internal slope compensation signal.
The PWM comparator compares this summed signal to
determine when to turn off the main switch. The switch
current sensing is blanked for ~12ns at the beginning of
each clock cycle to prevent false switch turn-off.
Burst Mode Operation
Burst Mode operation can be selected by pulling the
MODE pin above VIH. In this mode, the internal oscil-
lator is disabled, the error amplifier is converted into a
comparator monitoring the FB voltage, and the inductor
current swings between a fixed IPEAK (~100mA) and IZERO
(35mA) irrespective of the load current as long as the FB
pin voltage is less than or equal to the reference voltage
of 0.8V. Once VFB is greater than 0.8V, the control logic
shuts off both switches along with most of the circuitry
and the regulator is said to enter into SLEEP mode. In
SLEEP mode, the regulator only draws about 20µA from
the BAT pin provided that the battery charger is turned
off. When the output voltage droops about 1% from its
nominal value, the regulator wakes up and the inductor
current resumes swinging between IPEAK and IZERO. The
output capacitor recharges and causes the regulator to
re-enter the SLEEP state if the output load remains light
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com