Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213IDDB Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4213IDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213IDDB Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4213IDDB Datasheet HTML 7Page - Linear Technology LTC4213IDDB Datasheet HTML 8Page - Linear Technology LTC4213IDDB Datasheet HTML 9Page - Linear Technology LTC4213IDDB Datasheet HTML 10Page - Linear Technology LTC4213IDDB Datasheet HTML 11Page - Linear Technology LTC4213IDDB Datasheet HTML 12Page - Linear Technology LTC4213IDDB Datasheet HTML 13Page - Linear Technology LTC4213IDDB Datasheet HTML 14Page - Linear Technology LTC4213IDDB Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4213
11
4213f
supply transient dips below 1.97V of less than 80µs are
ignored.
ON Function
When VON is below comparator COMP1’s threshold of
0.4V for 80µs, the device resets. The system leaves reset
mode if the ON pin rises above comparator COMP2’s
threshold of 0.8V and the UVLO condition is met. Leaving
reset mode, the GATE pin starts up after a tDEBOUNCE delay
of 60µs. When ON goes below 0.76V, the GATE shuts off
after a 5µs glitch filter delay. The output is discharged by
the external load when VON is in between 0.4V to 0.8V. At
this state, the ON pin can re-enable the GATE if VON
exceeds 0.8V for more than 8µs. Alternatively, the device
resets if the ON pin is brought below 0.4V for 80µs. Once
reset, the GATE pin restarts only after the tDEBOUNCE 60µs
delay at VON rising above 0.8V. To protect the ON pin from
overvoltage stress due to supply transients, a series
resistor of greater than 10k is recommended when the ON
pin is connected directly to the supply. An external resis-
tive divider at the ON pin can be used with COMP2 to set
a supply undervoltage lockout value higher than the inter-
nal UVLO circuit. An RC filter can be implemented at the
ON pin to increase the powerup delay time beyond the
internal 60µs delay.
Gate Function
The GATE pin is held low in reset mode. 60µs after leaving
reset mode, the GATE pin is charged up by an internal
100µA current source. The circuit breaker arms when
VGATE > VSENSEN + ∆VGSARM. In normal mode operation,
the GATE peak voltage is internally clamped to ∆VGSMAX
above the SENSEN pin. When the circuit breaker trips, an
internal MOSFET shorts the GATE pin to GND, turning off
the external MOSFET.
READY Status
The READY pin is held low during reset and at startup. It
is pulled high by an external pullup resistor 50µs after the
circuit breaker arms. The READY pin pulls low if the circuit
breaker trips or the ON pin is pulled below 0.76V, or VCC
drops below undervoltage lockout.
∆VGSARM and VGSMAX
Each MOSFET has a recommended VGS drive voltage
where the channel is deemed fully enhanced and RDSON is
minimized. Driving beyond this recommended VGS volt-
age yields a marginal decrease in RDSON. At startup, the
gate voltage starts at ground potential. The GATE ramps
past the MOSFET threshold and the load current begins to
flow. When VGS exceeds ∆VGSARM, the circuit breaker is
armed and enabled. The chosen MOSFET should have a
recommended minimum VGS drive level that is lower than
∆VGSARM. Finally, VGS reaches a maximum at ∆VGSMAX.
Trip and Reset Circuit Breaker
Figure 2 shows the timing diagram of VGATE and VREADY
after a fault condition. A tripped circuit breaker can be reset
either by cycling the VCC bias supply below UVLO thresh-
old or pulling ON below 0.4V for >tRESET. Figure 3 shows
the timing diagram for a tripped circuit breaker being reset
by the ON pin.
Calculating Current Limit
The fault current limit is determined by the RDSON of the
MOSFET and the circuit breaker voltage VCB.
I
V
R
LIMIT
CB
DSON
=
()
2
The RDSON value depends on the manufacturer’s distribu-
tion, VGS and junction temperature. Short Kelvin-sense
connections between the MOSFET drain and source to
the LTC4213 SENSEP and SENSEN pins are strongly
recommended.
For a selected MOSFET, the nominal load limit current is
given by:
I
V
R
LIMIT NOM
CB NOM
DSON NOM
()
()
()
()
=
3
The minimum load limit current is given by:
I
V
R
LIMIT MIN
CB MIN
DSON MAX
()
()
()
()
=
4
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com