Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213IDDB Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4213IDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213IDDB Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4213IDDB Datasheet HTML 8Page - Linear Technology LTC4213IDDB Datasheet HTML 9Page - Linear Technology LTC4213IDDB Datasheet HTML 10Page - Linear Technology LTC4213IDDB Datasheet HTML 11Page - Linear Technology LTC4213IDDB Datasheet HTML 12Page - Linear Technology LTC4213IDDB Datasheet HTML 13Page - Linear Technology LTC4213IDDB Datasheet HTML 14Page - Linear Technology LTC4213IDDB Datasheet HTML 15Page - Linear Technology LTC4213IDDB Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4213
12
4213f
APPLICATIO S I FOR ATIO
Figure 2. Short Circuit Fault Timing Diagram
AB
CB TRIPS
∆VSENSE
VGATE
VCB
>VCB
VREADY
CIRCUIT BREAKER TRIPS
GATE AND READY PINS PULL LOW
SHORT CIRCUIT
tFAULT
4213 F02
The maximum load limit current is given by:
I
V
R
LIMIT MAX
CB MAX
DSON MIN
()
()
()
()
=
5
Most MOSFET data sheets have an RDSON specification
with typical and maximum values but no minimum value.
Assuming a normal distribution with typical as mean, the
minimum value can be estimated as
RR
R
DSON MIN
DSON NOM
DSON MAX
()
(
)
(
)
()
=•
−
26
The LTC4213 gives higher gate drive than the manufac-
turer specified gate drive for RDSON. This gives a slightly
lower RDSON than specified. Operating temperature also
modulates the RDSON value.
Example Current Limit Calculation
An Si4410DY is used for current detection in a 5V supply
system with the LTC4213 VCB at 25mV (ISEL pin grounded).
The RDSON distribution for the Si4410DY is
Typical RDSON = 0.015Ω = 100%
Maximum RDSON = 0.02Ω = 133.3%
Estimated MIN RDSON = 2 • 15 – 20 = 0.010Ω = 66.7%
The RDSON variation due to gate drive is
RDSON @ 4.5VGS = 0.015Ω = 100% (spec. TYP)
RDSON @ 4.8VGS = 0.014Ω = 93% (MIN ∆VGSMAX)
RDSON @ 7VGS = 0.0123Ω = 82% (NOM ∆VGSMAX)
RDSON @ 8VGS = 0.012Ω = 80% (MAX ∆VGSMAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com