Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213IDDB Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4213IDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213IDDB Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4213IDDB Datasheet HTML 12Page - Linear Technology LTC4213IDDB Datasheet HTML 13Page - Linear Technology LTC4213IDDB Datasheet HTML 14Page - Linear Technology LTC4213IDDB Datasheet HTML 15Page - Linear Technology LTC4213IDDB Datasheet HTML 16Page - Linear Technology LTC4213IDDB Datasheet HTML 17Page - Linear Technology LTC4213IDDB Datasheet HTML 18Page - Linear Technology LTC4213IDDB Datasheet HTML 19Page - Linear Technology LTC4213IDDB Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC4213
17
4213f
The selected MOSFET VGSabsolutemaximumratingshould
meet the LTC4213 maximum ∆VGSMAX of 8V.
Other MOSFET criteria such as VBDSS, IDMAX, and RDSON
should be reviewed. Spikes and ringing above maximum
operating voltage should be considered when choosing
VBDSS. IDMAX should be greater than the current limit. The
maximum operating load current is determined by the
RDSON value. See the section on “Calculating Current
Limit” for details.
Supply Requirements
The LTC4213 can be powered from a single supply or dual
supply system. The load supply is connected to the
SENSEP pin and the drain of the external MOSFET. In the
single supply case, the VCC pin is connected to the load
supply, preferably with an RC filter. With dual supplies,
VCC is connected to an auxiliary bias supply VAUX where
VAUX voltage should be greater or equal to the load supply
voltage. The load supply voltage must be capable of
sourcing more current than the circuit breaker limit. If the
load supply current limit is below the circuit breaker trip
current, the LTC4213 may not react when the output
overloads. Furthermore, output overloads may trigger
UVLO if the load supply has foldback current limit in a
single supply system.
VIN Transient and Overvoltage Protection
Input transient spikes are commonly observed whenever
the LTC4213 responds to overload. These spikes can be
large in amplitude, especially given that large decoupling
capacitors are absent in hot swap environments. These
short spikes can be clipped with a transient suppressor of
adequate voltage and power rating. In addition, the LTC4213
can detect a prolonged overvoltage condition. When
APPLICATIO S I FOR ATIO
point 6 should be within the circuit breaker limits. Other-
wise, the system fails to start and the circuit breaker trips
immediately after arming. In most applications additional
external gate capacitance is not required unless CLOAD is
large and startup becomes problematic. If an external gate
capacitor is employed, its capacitance value should not be
excessive unless it is used with a series resistor. This is
because a big gate capacitor without resistor slows down
the GATE turn off during a fault. An alternative method
would be a stepped ISEL pin to allow a higher current limit
during startup.
In the event of output short circuit or a severe overload, the
load supply can collapse during GATE ramp up due to load
supply current limit. The chosen MOSFET must withstand
this possible brief short circuit condition before time
point 6 where the circuit breaker is allowed to trip. Bench
short circuit evaluation is a practical verification of a
reliable design. To have current limit while powering a
MOSFET into short circuit conditions, it is preferred that
the load supply sequences to turn on after the circuit
breaker is armed as described in an earlier section.
Power-Off Cycle
The system can be powered off by toggling the ON pin low.
When ON is brought below 0.76V for 5µs, the GATE and
READY pins are pulled low. The system resets when ON is
brought below 0.4V for 80µs.
MOSFET Selection
The LTC4213 is designed to be used with logic (5V) and
sub-logic (3V) MOSFETs for VCC potentials above 2.97V
with ∆VGSMAX exceeding 4.5V. For a VCC supply range
between 2.3V and 2.97V, sub-logic MOSFETs should be
used as the minimum ∆VGSMAX is less than 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com