Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285ECSSTR Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ3285ECSSTR
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSSTR Datasheet(HTML) 1 Page - Texas Instruments

  BQ3285ECSSTR Datasheet HTML 1Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 2Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 3Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 4Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 5Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 6Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 7Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 8Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® 2.7–5.5V operation (bq3285LC);
4.5–5.5V operation (bq3285EC)
® 242 bytes of general nonvolatile
storage
® Dedicated 32.768kHz output pin
® System wake-up capability—
alarm interrupt output active in
battery-backup mode
® Less than 0.5
µA load under bat-
tery operation
® Selectable Intel or Motorola bus
timing
® 24-pin plastic SOIC or SSOP
General Description
The CMOS bq3285EC/LC is a low-
power microprocessor peripheral pro-
viding a time-of-day clock and 100-
year calendar with alarm features
and battery operation. The architec-
ture is based on the bq3285/7 RTC
with added features: low-voltage op-
eration, 32.768kHz output, and an
extra 128 bytes of CMOS.
A 32.768kHz output is available for
sustaining power-management ac-
tivities. The bq3285EC 32kHz out-
put is always on whenever VCC is
valid. For the bq3285LC, the output
is on when the oscillator is turned
on.
In VCC standby mode, the
32kHz is active, and the bq3285LC
typically draws 100
µA while the
bq3285EC typically draws 300
µA.
Wake-up capability is provided by
an alarm interrupt, which is active
in battery-backup mode. In battery
backup mode, current drain is less
than 500nA.
The bq3285EC/LC write-protects the
clock, calendar, and storage registers
during power failure.
A backup
battery then maintains data and oper-
ates the clock and calendar.
The bq3285EC/LC is a fully com-
patible real-time clock for IBM AT-
compatible computers and other ap-
plications. The only external compo-
nents are a 32.768kHz crystal and a
backup battery.
The bq3285EC is intended for use in
5V systems.
The bq3285LC is in-
tended for use in 3V systems; the
bq3285LC, however, may also oper-
ate at 5V and then go into a 3V
power-down state, write-protecting
as if in a 3V system.
1
1
PN3285EC.eps
24-Pin SSOP
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
32k
EXTRAM
BC
INT
RST
DS
VSS
R/W
AS
CS
MOT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
RCL
bq3285EC/LC
Pin Connections
Pin Names
July 1996
AD0–AD7
Multiplexed address/
data input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request output
RST
Reset input
32K
32.768kHz output
EXTRAM
Extended RAM enable
RCL
RAM clear input
BC
3V backup cell input
X1–X2
Crystal inputs
VCC
Power supply
VSS
Ground
Real-Time Clock (RTC)


Similar Part No. - BQ3285ECSSTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285E TI1-BQ3285E Datasheet
1Mb / 36P
Real-Time Clock (RTC)
BQ3285E TI2-BQ3285E Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
BQ3285E/L TI2-BQ3285E/L Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
More results

Similar Description - BQ3285ECSSTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
Real-Time Clock(RTC)
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com