Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285ECSSTR Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ3285ECSSTR
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSSTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ3285ECSSTR Datasheet HTML 5Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 6Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 7Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 8Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 9Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 10Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 11Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 12Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Register B
Register B enables:
n
Update cycle transfer operation
n
Interrupt events
n
Daylight saving adjustment
Register B selects:
n
Clock and calendar data formats
All bits of register B are read/write.
Bit 3 - Unused Bit.
DSE - Daylight Saving Enable
This bit enables daylight-saving time adjustments when
written to 1:
n
On the last Sunday in October, the first time the
bq3285EC/LC increments past 1:59:59 AM, the time
falls back to 1:00:00 AM.
n
On the first Sunday in April, the time springs
forward from 2:00:00 AM to 3:00:00 AM.
HF - Hour Format
This bit selects the time-of-day and alarm hour format:
1 = 24-hour format
0 = 12-hour format
DF - Data Format
This bit selects the numeric format in which the time,
alarm, and calendar bytes are represented:
1 = Binary
0 = BCD
UIE - Update Cycle Interrupt Enable
This bit enables an interrupt request due to an update
ended interrupt event:
1 = Enabled
0 = Disabled
The UIE bit is automatically cleared when the UTI bit
equals 1.
AIE - Alarm Interrupt Enable
This bit enables an interrupt request due to an alarm
interrupt event:
1 = Enabled
0 = Disabled
PIE - Periodic Interrupt Enable
This bit enables an interrupt request due to a periodic
interrupt event:
1 = Enabled
0 = Disabled
UTI - Update Transfer Inhibit
This bit inhibits the transfer of RTC bytes to the user
buffer:
1 = Inhibits transfer and clears UIE
0 = Allows transfer
9
bq3285EC/LC
7654
3
210
----
-
-
-
DSE
7654
3
210
----
-
-
HF
-
7654
3
210
----
-
DF
-
-
7654
3
210
---
UIE
-
---
Register B Bits
7654
3
210
UTI
PIE
AIE
UIE
-
DF
HF
DSE
7654
3
210
--
AIE
-
-
---
7654
3
210
-
PIE
--
-
---
July 1996
7654
3
210
UTI
---
-
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com