Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285ECSSTR Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ3285ECSSTR
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSSTR Datasheet(HTML) 2 Page - Texas Instruments

  BQ3285ECSSTR Datasheet HTML 1Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 2Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 3Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 4Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 5Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 6Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 7Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 8Page - Texas Instruments BQ3285ECSSTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Block Diagram
Pin Descriptions
MOT
Bus type select input
MOT selects bus timing for either Motorola
or Intel architecture.
This pin should be
tied to VCC for Motorola timing or to VSS for
Intel timing (see Table 1).
The setting
should not be changed during system opera-
tion. MOT is internally pulled low by a 30K
Ω resistor.
AD0–AD7
Multiplexed address/data
input/output
The bq3285EC/LC bus cycle consists of two
phases: the address phase and the data-
transfer phase.
The address phase pre-
cedes the data-transfer phase. During the
address phase, an address placed on
AD0–AD7 and EXTRAM is latched into the
bq3285EC/LC on the falling edge of the AS
signal. During the data-transfer phase of
the bus cycle, the AD0–AD7 pins serve as a
bidirectional data bus.
AS
Address strobe input
AS serves to demultiplex the address/data
bus. The falling edge of AS latches the ad-
dress on AD0–AD7 and EXTRAM. This de-
multiplexing process is independent of the
CS signal.
For DIP and SOIC packages
with MOT = VSS, the AS input is provided a
signal similar to ALE in an Intel-based sys-
tem.
2
bq3285EC/LC
Bus
Type
MOT
Level
DS
Equivalent
R/W
Equivalent
AS
Equivalent
Motorola
VCC
DS,E,or
Φ2
R/W
AS
Intel
VSS
RD,
MEMR,or
I/OR
WR,
MEMW,or
I/OW
ALE
Table 1. Bus Setup
BD328501.eps
P
Bus
I/F
µ
Power-
Fail
Control
Storage Registers
(114 Bytes)
User Buffer
(14 Bytes)
VOUT
Clock/Calendar, Alarm
and Control Bytes
Time-
Base
Oscillator
Control/Status
Registers
÷ 8
÷ 64
÷ 64
16 1 MUX
:
Interupt
Generator
Control/Calendar
Update
VCC
DS
AD0–AD7
CS
MOT
32K
INT
X1
X2
3
4
RST
R/W
AS
Storage Registers
(128 Bytes)
RCL
EXTRAM
Write
Protect
CS
BC
32K
Driver
July 1996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com