Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-F Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # MP-F
Description  Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MP-F Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  MP-F Datasheet HTML 1Page - Systemsensor advanced ideas. MP-F Datasheet HTML 2Page - Systemsensor advanced ideas. MP-F Datasheet HTML 3Page - Systemsensor advanced ideas. MP-F Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
A05-191-04
Power Tap Selection and Sound Output
SP100*
V400
4 W2 W1 W
1/2 W
1/4 W
1/8 W2
1
1/2
1/4
Jumper Wire, 25 V:
1 B
1 A
2 B
2 A
3 B
4 B
––––
Jumper Wire, 70.7 V:
2 A
3 B
4 B
5 B
6 B
6 A
––––
UL Reverberant
(dBA @ 10 ft):
90
87
84
81
78
75
84
81
78
75
Anechoic
(dBA @ 10 ft):
93
90
87
84
81
78
87
84
81
78
Peak Anechoic
(dBA @ 10 ft):
96
93
90
87
84
81
90
87
84
81
* Example: To select 1/4 watt output @ 25 V connect blue lead to post #3, yellow to post B.
V400 Semiflush Mounting Diagram
SP101 Mounting Diagram
2W
1W
1/4W
1/2W
RED
TO
STROBE
BLADE
BLACK
TO
STROBE
BLADE
COM 25 70.7
FROM
PANEL OR
PREVIOUS
DEVICE
STROBE
25 OR
70.7V
TO
NEXT
DEVICE
OR
EOL
TO
NEXT
DEVICE
OR
EOL
Power Tap Selection
SP100
V400
4
″×4″×21/8″
BACKBOX
4
″×4″×11/2″
EXTENSION RING
STROBE/SPEAKER
(SP101 SERIES)
FILLER
PLUGS
8-32
SCREWS
V400
#8
NUTS
MP-SF
8-32x5/8
8-32x5/8
#8 S.M.
#8 S.M.
8-32X1-7/16
8-32X1-7/16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com