Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-F Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # MP-F
Description  Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MP-F Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  MP-F Datasheet HTML 1Page - Systemsensor advanced ideas. MP-F Datasheet HTML 2Page - Systemsensor advanced ideas. MP-F Datasheet HTML 3Page - Systemsensor advanced ideas. MP-F Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP100 and V400 Series
Speakers and
Speaker/Strobes
© System Sensor 9/97
This document is not intended to be used for installation purposes.
A05-191-04
APPROVED
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
Features
• Dual voltages: 25 and
70.7 Vrms
• Multiple selectable taps
–SP100: 1/
8 – 4 watts
–V400: 1/
4 – 2 watts
• Peak dBA:
–SP100: 96 @ 4 watts
–V400: 90 @ 2 watts
• Listed to UL Standard
1480 for speakers for fire
protective signaling
systems
• Multiple strobe options
–ADA/UL 1971 @ 15,
15/75, 75, or 110 cd
(24 VDC only)
Specifications – SP100 Series
Mechanical
Input Terminals:
12 to 18 AWG
Grille Size/Color:
Round:
8
″ (203 mm)/white
Square:
5
″ (127 mm)/red or white
Weight:
1.6 lb (725 gm)
Mounting:
4
″ × 4″ × 21/8″ backbox with
4
″ × 4″ × 11/2″ extension ring
Filler Plugs:
Included
Operating
Temperature Range:
32
° to 120°F (0° to 49°C)
Electrical
Voltage Input:
25 volts or 70.7 volts (nominal)
Frequency Range:
400 – 4000 Hz
Although the SP100 Series speaker/strobe combination is
sold as a unit, the speaker and strobe are electrically
independent and require separate power sources. See chart
on page 2 for strobe operating requirements.
System Sensor SP100
Series and V400 Series Speakers
are the Sound ChoiceTM for voice, tone, and visible
signaling. The SP100 Series are high quality speakers and
speaker/strobe combinations for evacuation signaling
designed to meet UL1480 Fire Standard Specifications.
Sound Choice speakers are available with ADA/UL1971
listed strobes for public mode applications.
SP101 Speaker
V400 Speaker
with ADA Strobe
SP100 Speaker


Similar Part No. - MP-F

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MP-F-4P-D ADAM-TECH-MP-F-4P-D Datasheet
63Kb / 1P
MINI DIN POWER
More results

Similar Description - MP-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
Easy Install Speakers
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
Dual-Voltage Evacuation Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
Dual-Voltage Transformer Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com