Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-F Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # MP-F
Description  Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MP-F Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  MP-F Datasheet HTML 1Page - Systemsensor advanced ideas. MP-F Datasheet HTML 2Page - Systemsensor advanced ideas. MP-F Datasheet HTML 3Page - Systemsensor advanced ideas. MP-F Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-191-04
Ordering Information – Sound Choice
TM Speakers
Speaker
Strobe
Description
Voltage
Voltage
Candela
SP100 Series Speakers
Red
White
–
SP100W
Round, 8
″ grille, 1/8–4 watt power taps
25/70.7 Vrms
–
–
SP101R
SP101W
Square, 5
″ grille, 1/8–4 watt power taps
25/70.7 Vrms
–
–
SP1R2415ADA
SP1W2415ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15 cd
SP1R241575ADA
SP1W241575ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15/75 cd
SP1R2475ADA
SP1W2475ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
75 cd
SP1R24110ADA
SP1W24110ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
110 cd
V400 Series Speakers
Red
Beige
White
V400R
V400B
V400W
Square, 4
″ grille, 1/4–2 watt power taps
25/70.7 Vrms
–
–
V4R2415ADA
–
–
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15 cd
V4R241575ADA
–
–
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15/75 cd
V4R2475ADA
–
–
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
75 cd
V4R24110ADA
–
–
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
110 cd
MP-F
MP-FB
MP-FW
Flush mounting plate
BB-D
–
–
Flush mounting deep backbox, 23/4
″ deep
MP-SF
MP-SFB
MP-SFW
Semi-flush mounting plate
UL 1638 Strobe attachments for V400*
Red
Beige
SS12LO
–
Signal strobe
–
12 VDC
1.5 cd
SS24LO
SS24LOB
Signal strobe
–
24 VDC
1.5 cd
SS24LOC
–
Ceiling mount signal strobe
–
24 VDC
1.5 cd
SS24M
–
Signal strobe
–
24 VDC
15 cd
SS24MC
–
Ceiling mount signal strobe
–
24 VDC
15 cd
* Although the SSLO and SSM Series signal strobes are UL listed as primary signaling devices, when combined with the V400 speaker they are consid-
ered as a secondary signaling device only.
How to Order SP100 Series Speakers with Strobes
SP1R2415ADA
15 = 15 cd, UL 1971 Strobe
1575 = 15 cd, UL 1971, 75 cd on axis
75 = 75 cd, UL 1971 Strobe
110 = 110 cd, UL 1971 Strobe
24 = 24 VDC Strobe
SP1R = Square Grille, Red Speaker
SP1W = Square Grille, White Speaker
V4R = V400 Square, Red Speaker
System Sensor Worldwide Manufacturing & Distribution
In Canada:
Telephone: 905-812-0767
Fax: 905-812-0771
In China:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In the Far East:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In India:
Telefax: 91-022-8202564
In Italy:
Telephone: 39-40-9490-111
Fax: 39-40-382137
In the United Kingdom:
Telephone: 44-1403-276500
Fax: 44-1403-276501



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com