Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24M Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SS24M
Description  Multi-Alert & Mini-Alert Sounders and Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SS24M Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SS24M Datasheet HTML 1Page - Systemsensor advanced ideas. SS24M Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System Sensor's Multi-Alert sounder and sounder/strobes are suited to provide primary
or secondary signaling for fire and security applications. The MA and MASS models
provide eight field-selectable warning tones.
The Multi-Alert models mount directly to 4
″ square back boxes. Optional mounting
plates are available for either flush or semi-flush installations. Model MA12/24D is suitable
for outdoor applications when installed with the WBB weather-proof back box.
Multi-Alert Strobes.
System Sensor’s Multi-Alert strobes are UL1638 compliant
electronic visible warning signals that flash approximately every 1.5 seconds. All
circuits are polarized to be compatible with DC alarm supervision.
Mini-Alert Sounders.
System Sensor’s PA400 series Mini-Alert sounders operate
at 12 and 24 volts and are ideal for hotel, motel or residential fire system
applications, where a smaller notification device is desired. The PA400
sounders are available with or without FIRE identification, and are offered in
red, beige, and white.
Multi-Alert Models
Sounder
MA12/24D
Strobes
Sounder/Strobes
SS24LO
MASS24LO
SS24M
MASS24M
SS24LOLA
MASSLOLA
Mini-Alert Sounders
Red
Beige
White
PA400
PA400
PA400W
PA400R-F
PA400B-F
PA400W-F
Add-on Strobes
Red
White
PS24LO
PS24LOW
Product Overview
MA12/24D
Multi-Alert
™ & Mini-Alert™
Sounders and Strobes
Multi-Alert Sounder:
12 and 24V operation
8 field-selectable tones
Multi-Alert Strobes and Sounder/Strobes:
24V operation
1.5 or 15 candela
UL1638 listed
Mini-Alert Sounders:
12 and 24V operation
1.5 cd add-on strobe available
Multi-Alert Sounders
shall be a System Sensor Model MA 12/24D capable of operating at 12 and 24VDC. Sounder shall be
listed to Underwriter’s Laboratories Standard UL464 for fire protective signaling systems. Sounder shall have an operating
temperature between –31°F and 151°F. Sounder shall have eight tone options, selected by means of clips.
Mini-Alert Sounders
shall be a System Sensor Model ——— capable of operating at 12 and 24VDC. Sounder shall be listed
to Underwriter's Laboratories Standard UL464 for fire protective signaling systems. Sounder shall have an operating tem-
perature between 14°F and 140°F.
Multi-Alert and Mini-Alert Sounder/Strobes
shall be a System Model ——— capable of operating at 24VDC. Sounder/strobe
shall be listed to Underwriter’s Laboratories Standards UL464 and UL1638 for fire protective signaling systems.
Sounder/strobe shall have an operating temperature between 32°F and 120°F. Strobe shall be powered independently of the
sounder and shall operate at 24VDC, with a UL range rating of 22.5 to 30VDC. Actual operating voltage must be between
18 and 33VDC. Strobe shall have a minimum light output of 1.5 or 15 candela and shall be UL1638 listed for private
mode applications.
PA400W
Engineering Specifications
PA400R-F


Similar Part No. - SS24M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS24M TSC-SS24M Datasheet
84Kb / 2P
2A/40V SMD Schottky Rectifier High efficiency
SS24M TSC-SS24M Datasheet
245Kb / 4P
Surface Mount Schottky Barrier
More results

Similar Description - SS24M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
9/06-Revision 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
logo
Extech Instruments Corp...
SL130 EXTECH-SL130 Datasheet
180Kb / 8P
Sound Level Alert
SL130G EXTECH-SL130G Datasheet
162Kb / 1P
Sound Level Alert with Alarm
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
logo
Microchip Technology
MCP9600 MICROCHIP-MCP9600 Datasheet
4Mb / 50P
Four Programmable Temperature Alert Outputs
07/14/15
logo
Systemsensor advanced i...
PA400R SYSTEMSENSOR-PA400R Datasheet
563Kb / 1P
Mini-Alert Sounders
logo
List of Unclassifed Man...
88981123 ETC2-88981123 Datasheet
1Mb / 9P
em4 alert 3G
logo
Extech Instruments Corp...
SL130W EXTECH-SL130W Datasheet
284Kb / 1P
Sound Level Alert with Alarm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com