Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D45
Description  Sinewave Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D45 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D45 Datasheet HTML 1Page - Frequency Devices, Inc. D45 Datasheet HTML 2Page - Frequency Devices, Inc. D45 Datasheet HTML 3Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fixed Frequency
D45 Series
Sinewave Oscillator
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Description
The D45 Series are fixed frequency sinewave oscil-
lators that deliver a single phase, high purity sinu-
soidal output. These fully finished devices can be
user specified to operate to any frequency between
100 Hz and 50.0 kHz.
Each D45 model includes provisions for the user to
adjust the output amplitude over a 1 to 20 Vp-p
range by external resistive or voltage programming.
Over the full output range, total harmonic distortion
is 0.1% to 0.3% based on frequency, while the
peak-to-peak amplitude stability of any fixed level
selected is 0.002 dB/°C.
Features/Benefits:
• Stable high purity sinewave output.
• Compact 1.8"L x 0.8"W x 0.3"H minimizes board
space requirements.
• Adjustable output amplitude for applications
requiring discrete or continuous output control.
• Plug-in ready-to-use, reducing engineering
design and manufacturing cycle time.
Applications
• Reference oscillator
• Airborne equipment
• Mobile equipment
• Test Apparatus
• Telemetry Systems
• Distortion Testing
1


Similar Part No. - D45

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D45 PETERMANN-D45 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
D45 PETERMANN-D45 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
D45-48 PETERMANN-D45-48 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
D45.75B PETERMANN-D45.75B Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
Ceramate Technical
D4505 CERAMATE-D4505 Datasheet
293Kb / 6P
5-CH BTL Driver for DVD Player
More results

Similar Description - D45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
SineWave (VC) TCXO Oscillator
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Abracon Corporation
AVSS ABRACON-AVSS Datasheet
186Kb / 2P
5.0V SINEWAVE SMD VOLTAGE CONTROLLED OSCILLATOR
03.11.08
logo
Connor-Winfield Corpora...
FTHD686 CONNOR-WINFIELD-FTHD686 Datasheet
97Kb / 2P
5.0V HF SINEWAVE OSCILLATOR Surface Mount
logo
Frequency Devices, Inc.
DX45 FREQUENCYDEVICES-DX45 Datasheet
496Kb / 3P
Sinewave Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
logo
Crystek Corporation
CCSS-945 CRYSTEKCRYSTAL-CCSS-945 Datasheet
195Kb / 3P
SineWave Clock Oscillator
logo
CRYSTEK CORPORATION
CCO-983 CRYSTEKMICROWAVE-CCO-983 Datasheet
158Kb / 2P
high frequency sinewave crystal oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com