Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D45
Description  Sinewave Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D45 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D45 Datasheet HTML 1Page - Frequency Devices, Inc. D45 Datasheet HTML 2Page - Frequency Devices, Inc. D45 Datasheet HTML 3Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D45 Series
Pin-Out and Package Data
Ordering Information
Specifications
(25°C and Vs ± 15 Vdc)
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. W e assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-00D45-04
3
Oscillation Frequency (fo)
Range
100 Hz to 50.0 kHz
Tolerance 1
±1%
External Adjustment Range
±5%
Frequency Stability
Temperature
0.02%/°C
Supply/Output Amplitude Variation
0.01%/%
Output Characteristics
Amplitude
Preset
20V p-p ± 1%
Adjustment Range 2
1 to 20V p-p
Stability vs. Temperature3
0.002 dB/°C
Stability vs. Supply Voltage 4
0.1 dB/%
Drive Capacity
Output current @ 20V p-p5
±5mA pk
Output Resistance @ 20V p-p
<10 W
Distortion 6
Harmonic
100 Hz to 10.0 kHz:
0.1% (-60 dB)
10.1 kHz to 25.0 kHz:
0.2% (-53 dB)
25.1 kHz to 50.0 kHz:
0.3% (-50.4 dB)
Noise
50µV rms
DC Power Supply (±Vs)
Rated Voltage
±15 Vdc
Operating Voltage Range
±12 Vdc to ± 18 Vdc
Maximum Safe Voltage
±18 Vdc
Quiescent Current
±8 mA typ
±12 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Externally adjusted to zero.
2. All models can deliver 6V p-p into a 600 W load.
3. The amplitude stability of a resistively programmed unit is directly propor-
tional to the external programming resistor temperature coef ficient.
4. The amplitude stability of a voltage programmed unit having the program-
ming dc voltage applied to pin T3 is 0.1dB/%V T3.
5. The output is short circuit protected.
6. Distortion is primarily third harmonic. Specification is for resistive loading.
7. How to Specify Oscillation Frequency:
Oscillation frequencies are specified by attaching a three-digit frequency
designator to the basic model number. Oscillation frequencies can range
from 100 Hz to 50.0 kHz.
D45-849 Hz
Oscillation Frequency 7
e.g., 849 Hz
25.0 kHz
50.0 kHz
Ordering Information
TERMINAL
KEY
V OUT
Signal Output
T1
Fine Frequency Adjust
T2
Frequency Adjust Enable*
T3
Output Amplitude Adjust
+Vs
Power Supply Voltage, Positive
GND
Ground
-V s
Supply Voltage, Negative
*Must be connected to ground when fine frequency
adjustment is not required.
Side View
Front View
Bottom View
0.025" (dia)
1.80"(max)
0.80"(max)
0.15" (min)
0.30"(max)
0.80"
0.70"
0.10"
0.00"
T3
T2
GND
OUT
All dimensions are in inches
All case dimensions ± 0.01"
0.10"(typ)
-Vs
+Vs
T1
D45 Package OUTLINE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com