Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D45
Description  Sinewave Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D45 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D45 Datasheet HTML 1Page - Frequency Devices, Inc. D45 Datasheet HTML 2Page - Frequency Devices, Inc. D45 Datasheet HTML 3Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fixed Frequency
D45 Series
Sinewave Oscillator
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Discrete Resistive Programming: The method
shown in Fig. 2(A) provides continuous control of
the output amplitude. For both methods, Equation
1 defines the value of R1 for the specific set of con-
ditions.
Figure 2
VO = Output Voltage in V p-p
VS = Supply Voltage
Continuous Resistive Programming: To determine
the value of potentiometer R1 in Fig. 2(B), simply insert
the appropriate values into Equation 1.
Suppose for example, the required output ampli-
tude range is 1 to 10Vp-p and the positive power
supply is +Vs = 15 Vdc. At maximum output voltage
(10V p-p) equation 1 becomes
Voltage Programmable Amplitude: The output
amplitude of the D45 can be voltage controlled by
applying dc programming voltage VT3 to Pin T3. The
output response is found from Equation 2, below:
where Vo is the output voltage expressed in Vp-p, and
VT3 is the dc control voltage applied to pin T3.
FIXED FREQUENCY OPERATION
The output signal frequency of each D45 Series
sinewave oscillator is factory calibrated to within
±1% of the user-specified value. Independent of
frequency setting, the output amplitude is preset to
20V p-p.
To put the oscillator into operation, simply connect
the power supply common, voltages (±Vs), and
ground pin T2.
Pin T2 must be connected to
ground in this mode of operation.
FINE FREQUENCY ADJUSTMENT (±5%)
For applications requiring a more accurate frequen-
cy setting, disconnect Pin T2 from ground. Connect
a Cermet potentiometer as shown in Fig. 1 for a
±5% frequency adjustment range.
Figure 1
AMPLITUDE ADJUSTMENT (1 to 20V p-p)
For applications requiring either variable or lower
level output signals, a single resistor or a dc control
voltage can externally program the D45 output
amplitude to any value between 1 and 20V p-p.
Warning: Adjusting for outputs below 1Vp-p will
cause loss of the output signal.
T1
500 ohm
GND
CERMET
T3
R1
GND
METAL
FILM
(A)
(B)
T3
GND
CERMET
450VO
R1(kΩ)=
4VS-3VO
Equation 1
450 (10)
R1(kΩ)=
4(15)-3(10)
for potentiometer R1 = 150kΩ.
VO
VT3=
2
Equation 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com