Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP64H4L Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # DP64H4L
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP64H4L Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button DP64H4L Datasheet HTML 3Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 4Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 5Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 6Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 7Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 8Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 9Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 10Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 11Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
High-Pass
4-Pole, 0.2 dB Ripple
Appendix A
Chebychev
31 \
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.20
1.50
1.70
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
.060
.048
.040
.200
.170
.129
.098
.076
.140
.031
.003
.074
.174
-25.0
-18.6
-12.7
-7.34
-3.01
-89.8
-65.1
-51.1
-40.6
-32.2
21.7
19.3
17.3
60.4
44.5
35.2
29.2
24.9
172
128
111
93.2
73.4
308
296
280
259
231
352
345
337
328
319
.008
.006
.005
.060
.033
.020
.014
.010
.633
.275
.197
.138
.088
.314
.383
.500
.686
.873
.212
.218
.228
.245
.272



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com