Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP64H4L Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # DP64H4L
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP64H4L Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  DP64H4L Datasheet HTML 1Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 2Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 3Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 4Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 5Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 6Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 7Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 8Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fixed Frequency
D64 & DP64 Series
4-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D64L4B & DP64L4B
D64L4L & DP64L4L
D64L4Y2 & DP64L4Y2
D64L4Y5 & DP64L4Y5
Product Specifications
Transfer Function
4-Pole, Butterworth
4-Pole, Bessel
4-Pole, Chebychev,
4-Pole, Chebychev,
0.5 dB Ripple
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Range fc
D64
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
DP64
1 Hz to 5 kHz
1 Hz to 5 kHz
1 Hz to 5 kHz
1 Hz to 5 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 7
Page 2
Page 12
Page 15
Passband Ripple
0.0 dB
0.0 dB
0.20 dB
0.50 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
24 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3dB
-3dB
-3dB
-3dB
Phase
-180°
-121°
-231°
-245°
Filter Attenuation
0.67 dB
0.80 fc
1.86 dB
0.80 fc
-0.20 dB
0.80 fc
-0.43 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
30.0 dB
2.37 fc
30.0 dB
3.50 fc
30.0 dB
1.89 fc
30.0 dB
1.80 fc
40.0 dB
3.16 fc
40.0 dB
4.72 fc
40.0 dB
2.46 fc
40.0 dB
2.33 fc
Phase Match1
0 - 0.8 fc
± 2° max.
0 - fc
± 2° max.
0 - 0.8 fc
± 2° max.
0 - 0.8 fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
0.8 fc - 1.0 fc
± 3° max.
0.8 fc - 1.0 fc
± 3° max.
0.8 fc - 1.0 fc
± 3° max.
± 1.5° typ.
± 1.5° typ.
± 1.5° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 - 1.0 fc
± 0.3 dB max.
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
Total Harmonic
Distortion @ 1 kHz
D64
<-100 dB
<-100 dB
<-88 dB
<-88 dB
DP64
<-80 dB
<-80 dB
<-80 dB
<-80 dB
Wide Band Noise
200
µVrms typ.
200
µVrms typ.
200
µVrms typ.
200
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
µVrms typ.
50
µVrms typ.
50
µVrms typ.
50
µVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-01S
FMA-01S
FMA-01S
FMA-01S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com