Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP64H4L Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # DP64H4L
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP64H4L Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  DP64H4L Datasheet HTML 1Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 2Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 3Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 4Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 5Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 6Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 7Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 8Page - Frequency Devices, Inc. DP64H4L Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Fixed Frequency
D64 & DP64 Series
4-Pole
High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
3
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D64H4B
64H4Y2
D64H4Y5
Product Specifications
Transfer Function
4-Pole, Butterworth
4-Pole, Chebychev,
4-Pole, Chebychev,
0.2 dB Ripple
0.5 dB Ripple
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Range fc
D64
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
DP64
Not Available
Not Available
Not Available
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 27
Page 31
Page 33
Passband Ripple
0.0 dB
0.20 dB
0.50 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
120 kHz
120 kHz
Small Signal Bandwidth
(-6dB) 1 MHz
(-6dB) 1 MHz
(-6dB) 1 MHz
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3dB
-3dB
-3dB
Phase
-180°
-231°
-245°
Filter Attenuation
40 dB
0.31 fc
40 dB
0.41 fc
40 dB
0.43 fc
(theoretical)
30 dB
0.42 fc
30 dB
0.53 fc
30 dB
0.56 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
0.02 dB
2.00 fc
-0.07 dB
2.00 fc
-0.25 dB
2.00 fc
Phase Match1
fc - 100 kHz
± 3° max.
fc - 100 kHz
± 3° max.
fc - 100 kHz
± 3° max.
± 1.5° typ.
± 1.5° typ.
± 1.5° typ.
Amplitude Accuracy
1.0 - 1.25 fc
± 0.30 dB max. 1.0 - 1.25 fc
± 0.30 dB max. 1.0 - 1.25 fc
± 0.30 dB max.
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
1.25 fc - 100 kHz± 0.20 dB max. 1.25 fc - 100 kHz ± 0.20 dB max. 1.25 fc - 100 kHz ± 0.20 dB max.
± 0.10 dB typ.
± 0.10 dB typ.
± 0.10 dB typ.
Total Harmonic
Distortion @ 1 kHz
D64
<-88 dB
<-88dB
<-88 dB
Wide Band Noise
400
µVrms typ.
400
µVrms typ.
400
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
100
µVrms typ.
100
µVrms typ.
100
µVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-01S
FMA-01S
FMA-01S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com