Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP68H8D Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # DP68H8D
Description  32 Pin DIP 8-Pole Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP68H8D Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  DP68H8D Datasheet HTML 1Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 2Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 3Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 4Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 5Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 6Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 7Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 8Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 100 kHz
Fixed Frequency
D68 & DP68 Series
32 Pin DIP
8-Pole Filters
Description
The D68 and DP68 Series of small 8-pole fixed-
frequency, precision active filters provide high
performance linear active filtering in a compact 32-
pin DIP package, with a broad range of corner
frequencies and a choice of transfer functions.
Individual D68 filters can serve in low-pass or high-
pass applications (DP68, low-pass only) or be
combined to create custom band-pass or band-
reject filters.
These fully self-contained units
require no external components or adjustments.
Each model comes factory tuned to a user-specified
corner frequency between 1 Hz and 100 kHz (DP68,
1 Hz to 5 kHz) and operate with low total harmonic
distortion over a wide dynamic input voltage range
from non-critical +/-5V to +/-18V power supplies.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 16 bit resolution.
• Compact 1.8"L x 0.8"W x 0.3"H minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Acoustic and vibration analysis and control
• Noise elimination
• Signal reconstruction
Available Low-Pass Models: . . . . . . . . . . .
Page
D68L8B & DP68L8B
8-pole Butterworth . . . . . . . . . . . . . . . . .2
D68L8E & DP68L8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . .2
D68L8EX & DP68L8EX
8-pole, 6 zero elliptic, 1.56 (-80dB) . . . .2
D68L8EY & DP68L8EY
8-pole, 6 zero elliptic, 2.00 (-100dB) . . .2
D68L8L & DP68L8L
8-pole Bessel. . . . . . . . . . . . . . . . . . . . .3
D68L8D60 & DP68L8D60
8-pole constant delay (-60 dB) . . . . . . . .3
D68L8D & DP68L8D
8-pole constant delay (-80 dB) . . . . . . . .3
D68L8D10 & DP68L8D10
8-pole constant delay (-100 dB) . . . . . . .3
Available High-Pass Models: . . . . . . . . . . . . . . . .
D68H8B
8-pole Butterworth . . . . . . . . . . . . . . . . .4
D68H8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . .4
D68H8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . .4
D68H8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . .4
General Specifications:
. . . . . . . . . . . . . . . .
Pin-out/package data & ordering information . . . . . .5


Similar Part No. - DP68H8D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP68H8D-2.50KHZ ETC1-DP68H8D-2.50KHZ Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
DP68H8D-33.3KHZ ETC1-DP68H8D-33.3KHZ Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
DP68H8D-849HZ ETC1-DP68H8D-849HZ Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
DP68H8D10-2.50KHZ ETC1-DP68H8D10-2.50KHZ Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
DP68H8D10-33.3KHZ ETC1-DP68H8D10-33.3KHZ Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
More results

Similar Description - DP68H8D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
32 Pin DIP 6-Pole Filters
DP68 ETC1-DP68 Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
32-Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
32-Pin DIP 8-, 6-, 4-Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
32 Pin DIP 6-Pole Filters
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com