Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP68H8D Datasheet(PDF) 16 Page - Frequency Devices, Inc.

Part # DP68H8D
Description  32 Pin DIP 8-Pole Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP68H8D Datasheet(HTML) 16 Page - Frequency Devices, Inc.

Back Button DP68H8D Datasheet HTML 9Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 10Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 11Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 12Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 13Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 14Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 15Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 16Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 17Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
8-Pole, 6-Zero
Elliptic, 1.77
Appendix A
High-Pass
37
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
9.00
10.0
4.00
5.00
6.00
7.00
8.00
1.80
1.90
2.00
2.50
3.00
1.30
1.40
1.50
1.60
1.70
0.90
0.95
1.00
1.10
1.20
0.55
0.60
0.70
0.80
0.85
0.10
0.20
0.30
0.40
0.50
-0.01
0.00
-0.02
-0.01
-0.01
-0.01
-0.01
0.02
0.01
0.01
-0.02
-0.02
-0.03
0.01
0.03
0.03
0.03
-2.21
-0.51
-0.03
-0.01
-0.05
-90.0
-60.2
-32.4
-13.1
-6.28
-89.3
-82.1
-90.6
-82.4
-87.8
28.6
25.7
64.7
51.6
42.9
36.8
32.1
150
141
133
105
86.9
221
201
185
172
160
401
358
324
277
225
437
603
563
498
451
164
148
131
292
450
0.009
0.007
0.046
0.029
0.020
0.015
0.011
0.260
0.229
0.203
0.123
0.083
0.596
0.486
0.409
0.347
0.299
2.66
2.15
1.64
1.04
0.757
0.761
0.890
1.37
2.35
2.77
0.440
0.459
0.495
0.559
0.671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com