Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP68H8D Datasheet(PDF) 14 Page - Frequency Devices, Inc.

Part # DP68H8D
Description  32 Pin DIP 8-Pole Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP68H8D Datasheet(HTML) 14 Page - Frequency Devices, Inc.

Back Button DP68H8D Datasheet HTML 9Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 10Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 11Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 12Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 13Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 14Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 15Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 16Page - Frequency Devices, Inc. DP68H8D Datasheet HTML 17Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
High-Pass
8-Pole
Appendix A
Butterworth
29
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
Normalized Frequency(f/fc)
-100
-80
-60
-40
-20
0
Frequency Response
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.20
1.40
1.60
1.80
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
-5.15
-3.01
-0.229
-0.020
-0.002
59.0
49.0
42.1
36.8
32.7
29.4
-35.5
-24.8
-15.6
-11.6
-8.06
-160
-112
-83.7
-63.7
-48.2
386
360
275
226
194
170
152
120
99.2
74.0
535
499
459
437
413
691
661
631
600
568
0.033
0.023
0.017
0.013
0.010
0.008
0.287
0.226
0.139
0.094
0.052
1.48
1.46
0.873
0.540
0.380
.956
1.04
1.19
1.29
1.40
0.819
0.828
0.843
0.867
0.903
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com