Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP-01 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # SPP-01
Description  Dual Channel, Differential Input Signal Processing Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPP-01 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  SPP-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPP-01 Series
2” X 2” Precision
Dual Channel, Differential Input
Hardware Solution
Signal Processing Platform
1
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Design engineers now have a precision dual channel
hardware solution that acts as its own evaluation
board to facilitate algorithm development.
After the unit is programmed, SPP-01’s can be directly
inserted into production applications as a finished
subassembly, minimizing product development time
and space while shortening manufacturing cycle-time
and providing repeatability
.
Description
The SPP-01 Series of Signal Processing Platforms
are programmable over a 20 kHz audio frequency
range and offer up to 9-bits of addressing. This dual
channel DSP design and development solution, in a 2”
x 2” footprint, contains anti-alias filters, reconstruction
filters, ADC’s and DAC’s sampling at 48 kHz. SPP-01
platforms are small subassemblies that provide low
noise and distortion signal processing with THD
approaching –100 dB.
The fixed point DSP utilizes
32-bit math to achieve 24-bits of precision.
SPP-01’s can be programmed with standard or
customer specific algorithms.
Algorithms are easily
verified via an on-board JTAG port that allows the
emulator to communicate with the SPP-01 hardware.
Designers can directly load algorithms into the SPP-
01 via the RS232 interface on the SPPDB-01
development board.
Features/ Benefits:
• Compact 2” x 2” dual channel design combined
with large program memory (256 k EE-Prom) and
4 Mbits of flash memory optimizes your DSP
processing power in minimal board space.
• Socketed SPPDB-01 development hardware
offers rapid set-up, programming and performance
evaluation, shortening the product development
cycle while insuring high precision field installation.
• Analog inputs, storage for 100’s of standard or
customer
application
specific
algorithms,
and
analog or digital outputs, provides unmatched
flexibility for design and implementation.
• For multi-channel applications, design engineers
can
have
phase
synchronous
operation
by
providing an external buffer to the SLAVE clock
input.
SPP-01 Platform
Digital
Filters
Digital
Signal
Processor
Program
memory
EE-Prom
Flash
memory
(coefficients)
∑∆
A/D
∑∆
D/A
+
_
+
_
∑∆
D/A
∑∆
A/D
3 w ire digital
output bus
10 wire digital
input bus
ADC / DAC
Converters
Analog I/O
DSP
Analog
Filters
SPP-01 Block diagram
Applications
•
Brick-Wall; High-Pass, Low-Pass, Band-Pass, Band-
Reject and Multi-Rate filters with Linear Phase and
Signal Generators for Data Acquisition Systems.
•
Speech analysis, research, pathology
•
Sound and vibration testing
•
Signal correlation / data analysis
•
Low distortion waveform generator: sine / cosine,
quadrature or custom.
AVAILABLE PLATFORM PRODUCTS
SPP-01: Plug and play hardware / evaluation board,
programmable with turnkey or customer generated
algorithms.
SPPDB-01: Development Board, for SPP-01 family
products. Also may be used as a mounting assembly.
SPPDS-01: Development Suite for all SPP platform
products. Requires TI’s Code Composer Studio
TM.
SPPDF-01: Development Suite for SPPDM-01 FIR filter
products. Requires MatLab
TM V5.3 or V6.0.


Similar Part No. - SPP-01

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
SPP-04L KGS-SPP-04L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
SPP-06L KGS-SPP-06L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
SPP-08L KGS-SPP-08L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
More results

Similar Description - SPP-01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2135 SAMSUNG-KA2135 Datasheet
116Kb / 4P
HORIZONTAL SIGNAL PROCESSING
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
Gennum Corporation
GA3220 GENNUM-GA3220 Datasheet
168Kb / 2P
Programmable Signal Processing Platform for Hearing Instruments
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
Dual Channel, Differential Input FIR Filter Platform
logo
Agilent(Hewlett-Packard...
E4887A HP-E4887A Datasheet
680Kb / 20P
Signal Generator Platform
logo
National Instruments Co...
PXIE-5450 NI-PXIE-5450 Datasheet
449Kb / 6P
Dual-channel, differential I/Q signal generation
logo
Texas Instruments
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
logo
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
Fully Differential Signal Input Configuration
Rev 0; 1/04
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
Audio Processing Platform IC
Version: 0.63, 2014-12-19
VS1005DS VLSI-VS1005DS Datasheet
3Mb / 124P
VS1005g - Audio Processing Platform IC
Version: 0.80, 2022-10-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com