Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP-01 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # SPP-01
Description  Dual Channel, Differential Input Signal Processing Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPP-01 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  SPP-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPP-01 Series
2” X 2” Precision
Dual Channel, Differential Input
Hardware Solution
Signal Processing Platform
D
0
D
1
D
2
D
3
D
5
D
7
D
6
D
4
D
9
D
8
-15V
+15V
AGND
OUT2
OUT1
AGND
DGND
EM U1/OFF
SPI-CS-FLASH
NOT USED
SPI-SO
SPI-SCK
SPI-SI
SPI-CS-EEPROM
SPI-/ W P
IN2(+)
IN2(-)
IN1(+)
AGND
IN1(-)
SCLK
LRCLK
SDOUT
MC LK
+5V
DGN D
JTAG Port
FLAG PIN
Program
Select Port
Outputs and
Analog PS
Differential
Analog
Inputs
SPP-01 TO P VIEW
PIN IDENTIFICATIO N
Serial
Peripheral
Interfaces
& controls
DSP Digital
Output Port
0.110 "
PIN CLEARANCE
0.310 "
0.20 "
0.065 "
0.325 "
2.0"
2.0"
0.25"
0.075"
0.275"
0.275"
0.10"
0.20"
0.125"
0.05"
0.05"
0.125"
0.40"
0.70"
PIN DIA. 0.025"
SPP-01 AND SPPPF-01
TOP VIEW
AND DIMENSIONS
All normal pin spacing 0.10"
D0 – D8
9–bit program select pins
D8*
*8-bit Ch select; Ch 1= 0, Ch 2=1
D9
Channel 1 or 2 select
Out 1 & 2
Analog outputs
±Inputs 1&2 Differential analog inputs
± 15 Vdc
Analog Dc power In
+ 5 Vdc
Digital Power In
A Gnd
Analog Grounds (3)
D Gnd
Digital Grounds (2)
JTAG
TM
JTAG port, see SPPDS-01
Ordering information
SPP-01M
MASTER
SPP-01S
SLAVE
SPP-01M or S- CXX
Custom algorithms
will be individually quoted.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true
and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods
supplied by us.
We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them as a
recommendation for any use which would infringe any patent or copyright.
4
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com