Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP-01 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # SPP-01
Description  Dual Channel, Differential Input Signal Processing Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPP-01 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  SPP-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPP-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPP-01 Series
2” X 2” Precision
Dual Channel, Differential Input
Hardware Solution
Signal Processing Platform
3
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
SPP-01
Performance Specifications
Available bandwidth
DC to 20 kHz
Frequency Accuracy
<
± 0.05 %
Amplitude Accuracy at
unity gain.
<
± 0.1 dB
Total Broad Band Noise
(Ref to input 3.53 VRMS)
< -100dB Max
Total Harm. Dist.(THD)
(10V peak to peak
)
<-100 dB Max. to 20 kHz
Channel to Channel
phase tracking
<
± 0.10°
Cross talk dual channel
version with different
signals on each channel
DC to 20K < - 100 dB Typ.
There are two development systems available for
SPP platforms.
Development Options:
1. SPPDS-01: Suite for all SPP platform
products.
Requires TI’s Code Composer Studio
TM.
2. SPPDF-01: Suite for SPPDM-01 FIR filters.
Requires MatLab
TM V5.3 or V6.0.
All SPP-01 Family Platforms can be purchased
with standard and custom algorithms.
Consult factory for a quotation.
Custom programs will be assigned a unique suffix
(CXX) at the time of order.
Specifications
(@25
°C and Vs = ±15 Vdc)
Analog Input Characteristics
Maximum Input Impedance
1.0 M
Ω
Input voltage
± 10 V peak
Analog Output Characteristics
Minimum load Impedance
10 k
Ω
Maximum capacitive load
50 pF
Output voltage
± 10 V peak
Offset Voltage
2 mV Typ. 10mV Max.
Power Supply (±Vs)
Analog Vs range
±12Vdc Min to ±15 Vdc Max.
Analog supply current at Max. Vs
70 mA Typ.
Digital PS Voltage
+5 Vdc
Digital supply current
370 mA Typ.
Power consumption at Max. Vs
4.0 watts Typ.
Care must be taken to stay above the
minimum Vs in order to maintain the
linearity and distortion performance of the
DSP platform.
Temperature
Operating
0 to +70oC
Storage
-25 to +85oC
Size
2.0” x 2.0” x 0.5”
The SPPDB-01 development board can double
as an SPPDM-01 mounting assembly, to
facilitate product evaluation or laboratory use.
The SPPDB-01 development board is specified
and sold separately or is shipped as part of the
SPPDS-01
and
SPPDF-01
development
suites.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com