Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH100LP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # DH100LP
Description  2-Wire Low-Flow Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100LP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  DH100LP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Architectural/Engineering Specifications
TheairductsmokedetectorshallbeaSystemSensorModelDH100LPSeriesDuctSmokeDetector.Thedetectorhousingshall
beULlistedperUL268Aspecificallyforuseinairhandlingsystems.Thedetectorshalloperateatairvelocitiesof100feetper
minuteto4000feetperminute(0.5to20.32m/sec.).Itshallbecapableoflocaltestingviamagneticswitchorremotetesting
usingtheRTS451KEYRemoteTestStation.TheunitshallberesetbylocalresetbuttonorRTS451KEY.Theductdetectorhousing
shallincorporateanairtightsmokechamberincompliancewithUL268A,StandardforSmokeDetectorsforDuctApplications.The
housingshallbecapableofmountingtoeitherrectangularorroundductswithoutadapterbrackets.Anintegralfiltersystemshall
beincludedtoreducedustandresidueeffectsondetectorandhousing,therebyreducingmaintenanceandservicing.Sampling
tubesshalleitherbeplasticorbeeasilyinstalledafterthehousingismountedtotheductbypassingthroughtheducthousing.
TheenclosureshallmeetallapplicableNECandNFPAstandardsregardingelectricaljunctionboxes.Terminalconnectionsshall
beofthestripandclampmethodsuitablefor12–18AWGwiring.
Size
143/8″(37cm)Length
51/2″(14cm)Width
23/4″(7cm)Depth
ShippingWeight
31/4lbs.(1.5kg.)
OperatingTemperatureRange
32°to131°F(0°to55°C)
StorageTemperatureRange
–22°to158°F(–30°to70°C)
OperatingHumidityRange
10%to93%relativehumidity
AirDuctVelocity
100to4000ft./min.
(0.5to20.32m/sec.)
Standard Specifications
Electrical Ratings
SystemVoltage
12/24VDC
RippleVoltage
4Voltspeaktopeak
Start-upCapacitance
0.02µFmaximum
StandbyRatings
8.5VDCminimum
35VDCmaximum
120µAmaximum
AlarmRatings
4.2VDCminimumat10mA
6.6VDCmaximumat100mA
Alarmcurrentmustbelimitedto
100mAorlessbythecontrolpanel.
Ifused,theRA400Zremotelamp
operateswithinthespecifiedalarm
currents.
ResetVoltage:
2.50VDCminimum
ResetTime:
0.3Sec.maximum
Start-upTime
34.0Sec.maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com