Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH100LP Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # DH100LP
Description  2-Wire Low-Flow Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100LP Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  DH100LP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DH100LP Wiring Guide
Systemwiringdiagramfor2-wireductsmokedetectors(detectorspoweredfrominitiatingdevicecircuit):
WiringdiagramfortheDH100LPtoRTS451/RTS451KEY:
1
2
3
4
5
6
3
4
5
Test +
Test / Reset –
Reset +
Test
Reset
RA +
RA –
V Out +
2-Wire Wiring to RTS 451 KEY
DH100LP
RTS451/RTS451KEY
6
2
1
Alarm
LED
No Connection
4
(+)
(+)
5
8
(–)
(–) IN
(–) OUT
1ST DETECTOR
IN LOOP DH100LP
(–)
RA400Z (OPTIONAL)
REMOTE ALARM LED
2.8 VDC NOM.
IN ALARM
4
(+)
(+)
5
8
(–)
(–) IN
(–) OUT
LAST DETECTOR
IN LOOP DH100LP
(–)
RA400Z (OPTIONAL)
REMOTE ALARM LED
2.8 VDC NOM.
IN ALARM
E
O
L
R
STYLE D OPTIONAL WIRING
UL LISTED
COMPATIBLE 2-WIRE
CONTROL PANEL
ALARM
INITIATION
LOOP
(+)
(–)
EOL RESISTOR
SPECIFIED BY
PANEL MANUFACTURER
DETECTOR
BOARD
7
6
(+) IN
(+) OUT
DETECTOR
BOARD
7
6
(+) IN
(+) OUT
H0263-00
Note:
Terminal6oftheRTS451KEYisnotusedwhenwired
to a 2-wire detector. The RTS451 does not have a
terminal6.
H0264-00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com