Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH100LP Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # DH100LP
Description  2-Wire Low-Flow Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100LP Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  DH100LP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RTS451KEY
RemoteTestStation
withKey(ULS2522)
PA400W
Mini-AlertSounder(ULS3593)
shownwithPS24LOWadd-onstrobe
(PS12/24SLENSWsmokelensoption
available)
Device cannot be directly wired to 2-wire
Innovair; must be operated independently
by the panel.
APA451
PiezoAnnunciator(ULS4011)
Device cannot be directly
wired to 2-wire Innovair; must
be operated independently by
the panel.
RTS451
RemoteTestStation
(ULS2522)
RA400Z
RemoteAnnunciator
(ULS2522)
©2004SystemSensor.Thecompanyreservestherighttochangeproductspecificationswithoutnotice.
A05-1043-002•1/04•#981
Ordering Information
PartNumber
Description
DH100LP
2-wirephotoelectricductsmokedetector
withlow-flowtechnology
A5180
Replacement2-wirephotoelectricdetectorboard
A5061
Replacement2-wirepowerboard
Accessories
ST-1.5
Metalsamplingtubeductwidths1′–2′(0.3–0.6m)
ST-3
Metalsamplingtubeductwidths2′–4′(0.6–1.2m)
ST-5
Metalsamplingtubeductwidths4′–8′(1.2–2.4m)
ST-10
Metalsamplingtubeductwidths8′–12′(2.4–3.7m)
T80-71-00
Replacementtelescopingsamplingtube
P48-55-00
ReplacementendcapforT80-71-00
RTS451KEY
Remoteteststationwithkeylock
RTS451
Remoteteststation
RA400Z
RemoteannunciatoralarmLED
APA451
Remoteannunciatorwithpiezoalarm
MOD400R
Sensitivitytestmodule
F36-09-11
Replacementairfilters(twoperpackage)
M02-04-00
Testmagnet
P48-21-00
Endcapformetalsamplingtubes
S08-39-01
Photoreplacementscreen
PA400W
Mini-Alertsounder
PS24LOW
Mini-Alertadd-onstrobe
PS12/24SLENSW
Wall-mount“SMOKE”lens
Accessories
SystemSensorprovidessystemflexibilitywithavarietyofaccessories,includingtworemoteteststations,andseveraldifferent
meansofvisibleandaudiblesystemannunciation.Aswithourductdetectors,allductsmokedetectoraccessoriesareULlisted.
ALARM
POWER
S
M
O
K
E
ALARM
RESET
ALARM
ON
RESET
TEST
System Sensor Sales and Service
System Sensor Headquarters
3825OhioAvenue
St.Charles,IL60174
Ph:800/SENSOR2
Fx:630/377-6495
www.systemsensor.com
System Sensor Canada
Ph:905.812.0767
Fx:905.812.0771
System Sensor Europe
Ph:44.1403.891920
Fx:44.1403.891921
System Sensor in China
Ph:86.29.8832.0119
Fx:86.29.8832.5110
System Sensor in Singapore
Ph:65.6273.2230
Fx:65.6273.2610
System Sensor – Far East
Ph:85.22.191.9003
Fx:85.22.736.6580
System Sensor – Australia
Ph:613.54.281.142
Fx:613.54.281.172
System Sensor – India
Ph:91.124.637.1770x.2700
Fx:91.124.637.3118
System Sensor – Russia
Ph:70.95.937.7982
Fx:70.95.937.7983



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com