Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2812S/ES Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MHF2812S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF2812S/ES Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MHF2812S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODELS
VDC OUTPUT
B2-77
Size (max.): 1.460 x 1.130 x 0.330 inches (37.08 x 28.70 x 8.38 mm)
See Section B8, case E1 for dimensions.
Weight:
21 grams typical.
Screening:
Standard or ES.
See section C2 for screening options.
SINGLE
5
12
15
DUAL
±12
±15
DESCRIPTION
The MHF Series™ of DC/DC converters offer up to 12 watts of
power from single or dual outputs in a single package over a the full
military temperature range. Thick film hybrid manufacturing tech-
nology produces high levels of miniaturization, giving the MHF
Series converters a low profile (0.330 inch), small board area (1.65
square inches), and high power density (22 watt/in3).
The parts are packaged in hermetically sealed steel enclosures,
making them ideal for use in military, aerospace, and high reliability
industrial applications.
DESIGN METHODOLOGY
The MHF converters are switching regulators which use a quasi-
square wave, single ended forward converter design with a nominal
switching frequency of 600 kHz. Isolation between input and output
circuits is provided with a transformer in the forward power loop and
a temperature insensitive optical link in the feedback control loop.
Output regulation is accomplished with constant frequency pulse
width modulation. Both line and load regulation are typically within
10 mV.
On dual output models, the positive output is independently regu-
lated and the negative output is cross-regulated. Figures 7 and 8
illustrate what effects load changes have on the negative output.
Indefinite short circuit protection and overload protection are
provided by sensing output load current and restricting the output
current to approximately 125% of full load output current. Since the
output current is sensed in the secondary stage, the result is a
predictable, constant output current control with no foldback char-
acteristics. MHF converters are provided with internal filtering
elements on both the input and output to help reduce the need for
external components. For information about filtering to meet MIL-
STD-461’s CE03 test, contact your Interpoint representative.
WIDE VOLTAGE RANGE
The MHF Series is designed to provide full power operation over the
input voltage range of 16 to 40 volts. The 15 volt models provide a
19 to 40 volt range. Operation below 16 volts (or 19 volts for the 15
volt models), including operation in MIL-STD-704E emergency
power conditions, is possible with derated output power. Please
refer to the low line drop-out graphs, Figures 9 and 10.
MILITARY TEMPERATURE RANGE
The MHF Series provides full power operation at case temperatures
from –55°C up to +125°C. All 12 and 15 volt models in both single
and dual output configurations provide full power operation at
+125°C with derated power to 135°C. The +5 volt model provides
full power at 110°C derated to 0% at 130°C. Depending on operating
levels, air flow, and ambient temperature; heat sinking may be
required.
INHIBIT FEATURE
An inhibit terminal is provided that can be used to disable internal
switching, resulting in a very low quiescent input current. An open
collector TTL compatible low (
≤0.8V) is required to control the inhibit
function. This level may be supplied by an open collector gate since
the inhibit pin is provided with an internal pull-up resistor.
DC/DC CONVERTERS
28 VOLT INPUT
MHF SERIES
12 WATT
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
(19 to 40 VDC for 15 volt outputs)
• Fully Isolated
• Optocoupler feedback
• Fixed frequency 600 kHz typical
• Forward converter topology
• 50 V for up to 50 ms transient protection
• Inhibit function
• Indefinite short circuit protection
• Up to 83% efficiency, 22 W/in3


Similar Part No. - MHF2812S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF2812S/883 INTERPOINT-MHF2812S/883 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
More results

Similar Description - MHF2812S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com