Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2812S/ES Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MHF2812S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF2812S/ES Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MHF2812S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2812S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B2-80
MHF SERIES
12 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 5
FIGURE 7
Output Power (Watts)
MHF2812D Efficiency
50
90
80
70
60
2
4
6
8
10
12
16V
40V
28V
14
Output Load (%)
Condition A: 50% Load Pos. Vout, 50% to 20% Neg. Vout
Condition B: 50% Load Neg. Vout, 50% to 20% Pos. Vout
MHF Negative Output Voltage
Cross Regulation
–10
010230
40
50
–6
–4
–8
0
2
4
6
10
2812D
Cond. B
Cond. A
2812D
8
2
2815D
Output Power (Watts)
MHF2805S Efficiency
50
90
80
70
60
2468
10
12
28V
14
40V
16V
FIGURE 2
Output Power (Watts)
MHF2812S Efficiency
50
90
80
70
60
2
4
68
10
12
16V
40V
28V
14
FIGURE 3
Output Power (Watts)
MHF2815D Efficiency
50
90
80
70
60
2
4
6
8
10
12
19V
40V
28V
14
FIGURE 6
FIGURE 4
Output Power (Watts)
MHF2815S Efficiency
50
90
80
70
60
2
4
6
8
10
12
19V
40V
28V
14
Output Load (%)
Positive Output 20% to 80% Load
Negative Output 80% to 20% Load
MHF Dual Negative Output Voltage
Cross Regulation
–20
0
20406080
100
–10
–5
–15
0
5
10
15
20
2812D
2815D
FIGURE 8
Output Power (Watts)
50 mV Drop
MHF Single Low Line Dropout
11
2468
10
12
14
13
14
12
15
16
17
18
19
2812S
2815S
2805S
FIGURE 9FIGURE 10
Output Power (Watts)
50 mV Drop
MHF Dual Low Line Dropout
11
2468
10
12
14
13
14
12
15
16
17
18
19
2812D
2815D
218211-001-DTS Rev A
DQ# 1011
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MHF Series is a trademark of Interpoint.
Copyright © 1992 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com